Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 18Page - Cirrus Logic CDB53L21 Datasheet HTML 19Page - Cirrus Logic CDB53L21 Datasheet HTML 20Page - Cirrus Logic CDB53L21 Datasheet HTML 21Page - Cirrus Logic CDB53L21 Datasheet HTML 22Page - Cirrus Logic CDB53L21 Datasheet HTML 23Page - Cirrus Logic CDB53L21 Datasheet HTML 24Page - Cirrus Logic CDB53L21 Datasheet HTML 25Page - Cirrus Logic CDB53L21 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
22
DS700PP1
CS53L21
4.3
Analog Inputs
AINxA and AINxB are the analog inputs, internally biased to VQ, that accepts line-level and MIC-level sig-
nals, allowing various gain and signal adjustments for each channel.
4.3.1
Digital Code, Offset & DC Measurement
The ADC output data is in two’s complement binary format. For inputs above positive full scale or below
negative full scale, the ADC will output 7FFFFFH or 800000H, respectively and cause the ADC overflow
bit to be set to a ‘1’.
Given the two’s complement format, low-level signals may cause the MSB of the serial data to periodically
toggle between ‘1’ and ‘0’, possibly introducing noise into the system as the bit switches back and forth.
To prevent this phenomena, a constant DC offset is added to the serial data bringing the low-level signal
just above the point at which the MSB would normally toggle, thus reducing the noise introduced. Note
that this offset is not removed (refer to “Analog Characteristics (Commercial - CNZ)” on page 12 and/or
“Analog Characteristics (Automotive - DNZ)” on page 13 for the specified offset level).
The A/D may be used to measure DC voltages by disabling the high-pass filter for the designated channel.
DC levels are measured relative to VQ and will be decoded as positive two’s complement binary numbers
above VQ and negative two’s complement binary numbers below VQ.
Software
Controls:
“Status (Address 20h) (Read Only)” on page 55, “ADC Control (Address 06h)” on page 45.
Multibit
Oversampling
ADC
AIN3A/ MICIN1
MICA_BOOST
Attenuator
ALC
PGAA_VOL[5:0]
ADC_SNGVOL
0/-96dB
1dB steps
ADCA_ATT[7:0]
ADCA_HPF ENABLE
ADCA_HPF FREEZE
PDN_ADCA
ADCA_MUTE
SOFTA
ALC_ENA
ALCB_SRDIS
ALCB_ZCDIS
PDN_MICA
MICBIAS
PDN_MICBIAS
MICBIAS_LVL[1:0]
MICBIAS_SEL
TO SIGNAL PROCESSING
ENGINE (SPE)
INV_ADCA
ALC_ARATE[5:0]
ALC_RRATE[5:0]
MAX[2:0]
MIN[2:0]
ALC_ENB
ALCA_SRDIS
ALCA_ZCDIS
MUX
AIN1A
AIN2A
PGA
+16/
32 dB
AINA_MUX[1:0]
PDN_PGAA
+12/-3dB
0.5dB steps
SOFTA
ZCROSSA
Multibit
Oversampling
ADC
AIN3B/ MICIN2/
MICBIAS
MICB_BOOST
PGAB_VOL[5:0]
ADC_SNGVOL
0/-96dB
1dB steps
ADCB_ATT[7:0]
ADCB_HPF ENABLE
ADCB_HPF FREEZE
PDN_ADCB
ADCB_MUTE
SOFTB
PDN_MICB
INV_ADCB
MUX
AIN1B
AIN2B/MICBIAS
PGA
+16/
32 dB
AINB_MUX[1:0]
PDN_PGAB
+12/-3dB
0.5dB steps
SOFTB
ZCROSSB
Noise Gate NG_ALL
NG_EN
THRESH[3:0]
NGDELAY[1:0]
Attenuator
Σ
MUX
MUX
MICMIX
MUX
MUX
FROM SIGNAL
PROCESSING ENGINE
(SPE)
DIGMIX
+20dB
Digital
Boost
ADCA_DBOOST
+20dB
Digital
Boost
ADCB_DBOOST
Figure 7. Analog Input Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com