Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 17Page - Cirrus Logic CDB53L21 Datasheet HTML 18Page - Cirrus Logic CDB53L21 Datasheet HTML 19Page - Cirrus Logic CDB53L21 Datasheet HTML 20Page - Cirrus Logic CDB53L21 Datasheet HTML 21Page - Cirrus Logic CDB53L21 Datasheet HTML 22Page - Cirrus Logic CDB53L21 Datasheet HTML 23Page - Cirrus Logic CDB53L21 Datasheet HTML 24Page - Cirrus Logic CDB53L21 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
DS700PP1
21
CS53L21
4.2
Hardware Mode
A limited feature-set is available when the A/D powers up in Hardware Mode (see “Recommended Power-
Up Sequence” on page 32) and may be controlled via stand-alone control pins. Table 2 shows a list of func-
tions/features, the default configuration and the associated stand-alone control available.
Hardware Mode Feature/Function Summary
Feature/Function
Default Configuration
Stand-Alone Control
Note
Power Control
Device
PGAx
ADCx
MIC Bias
MICx Pre-Amplifier
Powered Up
Powered Up
Powered Up
Powered Down
Powered Down
--
Auto-Detect
Enabled
-
-
Speed Mode
Serial Port Slave
Serial Port Master
Auto-Detect Speed Mode
Single-Speed Mode
--
MCLK Divide
(Selectable)
“MCLKDIV2” pin 2
see Section
4.5 on page 29
Serial Port Master / Slave Selection
(Selectable)
“M/S” pin 29
see Section
4.5 on page 29
Interface Control
ADC
(Selectable)
“I²S/LJ” pin 3
see Section
4.6 on page 31
ADC Volume & Gain
Digital Boost
Soft Ramp
Zero Cross
Invert
PGAx
Attenuator
ALC
Noise Gate
Disabled
Disabled
Disabled
Disabled
0 dB
0 dB
Disabled
Disabled
--
ADCx High-Pass Filter
ADCx High-Pass Filter Freeze
Enabled
Continuous DC Subtraction
--
Line/MIC Input Select
AIN1A to PGAA
AIN1B to PGAB
--
ADC mix Volume and Gain
Invert
Soft Ramp
Zero Cross
Disabled
Enabled
Enabled
--
Signal Processing Engine (SPE)
MIX
Disabled
-
-
Data Selection (SPE Enable)
ADC Data to SPE
-
-
Channel Swap
ADC
ADCA = L; ADCB = R
-
-
Table 2. Hardware Mode Feature Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com