Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 21Page - Cirrus Logic CDB53L21 Datasheet HTML 22Page - Cirrus Logic CDB53L21 Datasheet HTML 23Page - Cirrus Logic CDB53L21 Datasheet HTML 24Page - Cirrus Logic CDB53L21 Datasheet HTML 25Page - Cirrus Logic CDB53L21 Datasheet HTML 26Page - Cirrus Logic CDB53L21 Datasheet HTML 27Page - Cirrus Logic CDB53L21 Datasheet HTML 28Page - Cirrus Logic CDB53L21 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 66 page
background image
DS700PP1
25
CS53L21
4.3.5
Analog Input Multiplexer
A stereo 4-to-1 analog input multiplexer selects between a line-level input source, or a mic-level input
source, depending on the PDN_PGAx and AINx_MUX[1:0] bit settings. Signals may be routed to or by-
passed around the PGA. To conserve power, the PGA’s may be powered down allowing the user to select
from multiple line-level sources and route the stereo signal directly to the ADC. When using the MIC pre-
amp, however, the PGA must be powered up.
Analog input channel B may also be used as an output for the MIC bias voltage. The MICBIAS_SEL bit
routes the bias voltage to either of two pins. The multiplexer must then select from the remainder of the
two input channels.
The ADC, PGA and MIC pre-amplifier each has an associated input resistance. When selecting between
these paths, the input resistance to the A/D will change accordingly. Refer to the input resistance charac-
teristics in the Characteristic and Specification Tables for the input resistance of each path.
4.3.6
MIC & PGA Gain
The MIC-level input passes through a +16 dB or +32 dB analog gain stage prior to the input multiplexer,
allowing it to be used for microphone level signals without the need for any external gain. The PGA must
be powered up when using the MIC pre-amp.
The PGA stage provides an additional +12 dB to -3 dB of analog gain in 0.5 dB steps.
Software
Controls:
“Power Control 1 (Address 02h)” on page 40, “MIC Control (Address 05h)” on page 44 “ADCx
Input Select, Invert & Mute (Address 07h)” on page 47.
Software
Controls:
“Power Control 1 (Address 02h)” on page 40, “ADCx Input Select, Invert & Mute (Address 07h)” on
page 47, “ALCX & PGAX Control: ALCA, PGAA (Address 0Ah) & ALCB, PGAB (Address 0Bh)” on
page 49, “MIC Control (Address 05h)” on page 44.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com