Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 44Page - Cirrus Logic CDB53L21 Datasheet HTML 45Page - Cirrus Logic CDB53L21 Datasheet HTML 46Page - Cirrus Logic CDB53L21 Datasheet HTML 47Page - Cirrus Logic CDB53L21 Datasheet HTML 48Page - Cirrus Logic CDB53L21 Datasheet HTML 49Page - Cirrus Logic CDB53L21 Datasheet HTML 50Page - Cirrus Logic CDB53L21 Datasheet HTML 51Page - Cirrus Logic CDB53L21 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
48
DS700PP1
CS53L21
6.8
SPE Control (Address 09h)
SPE_ENABLE
Default: 0
0 - Reserved
1 - ADC Serial Port to SPE
Function:
Selects the digital signal source for the SPE. Note: If DIGMIX = 1, SPE_ENABLE must be 1 for the SPE to
be functional.
Freeze Controls (FREEZE)
Default: 0
Function:
This function will freeze the previous settings of, and allow modifications to be made to all control port reg-
isters without the changes taking effect until the FREEZE is disabled. To have multiple changes in the con-
trol port registers take effect simultaneously, enable the FREEZE bit, make all register changes, then
disable the FREEZE bit.
76
543
21
0
Reserved
SPE_ENABLE
FREEZE
Reserved
Reserved
Reserved
SPE_SZC1
SPE_SZC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com