Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 28Page - Cirrus Logic CDB53L21 Datasheet HTML 29Page - Cirrus Logic CDB53L21 Datasheet HTML 30Page - Cirrus Logic CDB53L21 Datasheet HTML 31Page - Cirrus Logic CDB53L21 Datasheet HTML 32Page - Cirrus Logic CDB53L21 Datasheet HTML 33Page - Cirrus Logic CDB53L21 Datasheet HTML 34Page - Cirrus Logic CDB53L21 Datasheet HTML 35Page - Cirrus Logic CDB53L21 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
32
DS700PP1
CS53L21
4.7
Initialization
The initialization and Power-Down sequence flowchart is shown in Figure 17 on page 33. The A/D enters a
Power-Down state upon initial power-up. The interpolation and decimation filters, delta-sigma modulators
and control port registers are reset. The internal voltage reference, ADC and switched-capacitor low-pass
filters are powered down.
The device will remain in the Power-Down state until the RESET pin is brought high. The control port is ac-
cessible once RESET is high and the desired register settings can be loaded per the interface descriptions
in “Software Mode” on page 34. If a valid write sequence to the control port is not made within approximately
10 ms, the A/D will enter Hardware Mode.
Once MCLK is valid, the quiescent voltage, VQ, and the internal voltage reference, FILT+ will begin powering
up to normal operation. The charge pump slowly powers up and charges the capacitors. Power is then ap-
plied to the headphone amplifiers and switched-capacitor filters, and the analog/digital outputs enter a muted
state. Once LRCK is valid, MCLK occurrences are counted over one LRCK period to determine the
MCLK/LRCK frequency ratio and normal operation begins.
4.8
Recommended Power-Up Sequence
1. Hold RESET low until the power supplies are stable.
2. Bring RESET high. After approximately 10 ms, the device will enter Hardware Mode.
3. For Software Mode operation, set the PDN bit to ‘1’b in under 10 ms. This will place the device in “stand-
by”.
4. Load the desired register settings while keeping the PDN bit set to ‘1’b.
5. Start MCLK to the appropriate frequency, as discussed in Section 4.5.
6. Set the PDN bit to ‘0’b.
7. Apply LRCK and SCLK for normal operation to begin.
8. Bring RESET low if the analog or digital supplies drop below the recommended operating condition to
prevent power glitch related issues.
LRCK
SCLK
MS B
LS B
MS B
LS B
L eft C h an nel
Rig ht C han nel
SDIN
MSB
AOUTA / AINxA
AOUTB / AINxB
Figure 16. Left-Justified Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com