Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 35Page - Cirrus Logic CDB53L21 Datasheet HTML 36Page - Cirrus Logic CDB53L21 Datasheet HTML 37Page - Cirrus Logic CDB53L21 Datasheet HTML 38Page - Cirrus Logic CDB53L21 Datasheet HTML 39Page - Cirrus Logic CDB53L21 Datasheet HTML 40Page - Cirrus Logic CDB53L21 Datasheet HTML 41Page - Cirrus Logic CDB53L21 Datasheet HTML 42Page - Cirrus Logic CDB53L21 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
DS700PP1
39
CS53L21
1Dh ALC Release
Rate
Reserved
Reserved
ALC_RRATE
5
ALC_RRATE
4
ALC_RRATE
3
ALC_RRATE
2
ALC_RRATE
1
ALC_RRATE
0
p52
default
0
0
111
111
1Eh ALC Thresh-
old
MAX2
MAX1
MAX0
MIN2
MIN1
MIN0
Reserved
Reserved
p53
default
0
0
000
000
1Fh Noise Gate
Config
NG_ALL
NG_EN
NG_BOOST
THRESH2
THRESH1
THRESH0
NGDELAY1
NGDELAY0
p54
default
0
0
000
000
20h Status
Reserved
SP_CLK
ERR
SPEB_OVFL SPEA_OVFL PCMA_OVFL PCMB_OVFL ADCA_OVFL ADCB_OVFL
p55
default
0
0
000
000
21h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
1
010
000
Addr
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com