Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 52Page - Cirrus Logic CDB53L21 Datasheet HTML 53Page - Cirrus Logic CDB53L21 Datasheet HTML 54Page - Cirrus Logic CDB53L21 Datasheet HTML 55Page - Cirrus Logic CDB53L21 Datasheet HTML 56Page - Cirrus Logic CDB53L21 Datasheet HTML 57Page - Cirrus Logic CDB53L21 Datasheet HTML 58Page - Cirrus Logic CDB53L21 Datasheet HTML 59Page - Cirrus Logic CDB53L21 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
56
DS700PP1
CS53L21
7. ANALOG PERFORMANCE PLOTS
7.1
ADC_FILT+ Capacitor Effects on THD+N
The value of the capacitor on the ADC_FILT+ pin, 16, affects the low frequency total harmonic distortion +
noise (THD+N) performance of the ADC. Larger capacitor values yield significant improvement in THD+N
at low frequencies. Figure 22 shows the THD+N versus frequency for the ADC analog input. Plots were tak-
en from the CDB53L21 using an Audio Precision analyzer.
-100
-60
-96
-92
-88
-84
-80
-76
-72
-68
-64
d
B
F
S
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Figure 22. ADC THD+N vs. Frequency w/Capacitor Effects
1 µF
Legend –
Capacitor Value on ADC_FILT+
10 µF
22 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com