Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 2Page - Cirrus Logic CDB53L21 Datasheet HTML 3Page - Cirrus Logic CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic CDB53L21 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
DS700PP1
CS53L21
1. PIN DESCRIPTIONS - SOFTWARE (HARDWARE) MODE
Pin Name
#
Pin Description
LRCK
1
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
SDA/CDIN
(MCLKDIV2)
2
Serial Control Data (Input/Output) - SDA is a data I/O in I²C Mode. CDIN is the input data line for the
control port interface in SPI Mode.
MCLK Divide by 2 (Input) - Hardware Mode: Divides the MCLK by 2 prior to all internal circuitry.
SCL/CCLK
(I²S/LJ)
3
Serial Control Port Clock (Input) - Serial clock for the serial control port.
Interface Format Selection (Input) - Hardware Mode: Selects between I²S & Left-Justified interface for-
mats for the ADC.
AD0/CS
(TSTN)
4
Address Bit 0 (I²C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin in I²C Mode; CS
is the chip-select signal for SPI format.
Test In (Input) - Hardware Mode: This pin is an input used for test purposes only and should be tied to
DGND for normal operation.
VA_PULLUP
5
Reference Pull-up (Input) - This pin is an input used for test purposes only and must be pulled-up to VA
using a 47 k
Ω resistor.
TSTO
6
Test Out (Output) - This pin is an output used for test purposes only and must be left “floating” (no con-
nection external to the pin).
AGND
7
Analog Ground (Input) - Ground reference for the internal analog section.
TSTO
8
Test Out (Output) - This pin is an output used for test purposes only and must be left “floating” (no con-
nection external to the pin).
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
CS53L21
SDA/CDIN (MCLKDIV2)
SCL/CCLK (I²S/LJ)
AD0/CS (TSTN)
TSTO
AGND
TSTO
AFILTA
AIN1A
AIN1B
AIN2A
AIN2B/BIAS
MICIN1/AIN3A
MICIN2/BIAS/AIN3B
AFILTB
VA_PULLUP
LRCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com