Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB53L21 Datasheet HTML 1Page - Cirrus Logic CDB53L21 Datasheet HTML 2Page - Cirrus Logic CDB53L21 Datasheet HTML 3Page - Cirrus Logic CDB53L21 Datasheet HTML 4Page - Cirrus Logic CDB53L21 Datasheet HTML 5Page - Cirrus Logic CDB53L21 Datasheet HTML 6Page - Cirrus Logic CDB53L21 Datasheet HTML 7Page - Cirrus Logic CDB53L21 Datasheet HTML 8Page - Cirrus Logic CDB53L21 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Preliminary Product Information This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
MAY ‘06
DS700PP1
Low Power, Stereo Analog to Digital Converter
FEATURES
98 dB Dynamic Range (A-wtd)
-88 dB THD+N
Analog Gain Controls
– +32 dB or +16 dB MIC Pre-Amplifiers
– Analog Programmable Gain Amplifier
(PGA)
+20 dB Digital Boost
Programmable Automatic Level Control (ALC)
– Noise Gate for Noise Suppression
– Programmable Threshold and
Attack/Release Rates
Independent Left/Right Channel Control
Digital Volume Control
High-Pass Filter Disable for DC Measurements
Stereo 3:1 Analog Input MUX
Dual MIC Inputs
– Programmable, Low Noise MIC Bias Levels
– Differential MIC Mix for Common Mode
Noise Rejection
Very Low 64 Fs Oversampling Clock Reduces
Power Consumption
SYSTEM FEATURES
24-bit Conversion
4 kHz to 96 kHz Sample Rate
Multi-bit Delta Sigma Architecture
Low Power Operation
– Stereo Record (ADC): 8.72 mW @ 1.8 V
– Stereo Record (MIC to PGA and ADC):
13.73 mW @ 1.8 V
Variable Power Supplies
– 1.8 V to 2.5 V Digital & Analog
– 1.8 V to 3.3 V Interface Logic
Power Down Management
– ADC, MIC Pre-Amplifier, PGA
Software Mode (I²C® & SPI
™ Control)
Hardware Mode (Stand-Alone Control)
Flexible Clocking Options
– Master or Slave Operation
Digital Routing Mixes
– Mono Mixes
1.8 V to 3.3 V
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Serial Audio
Output
1.8 V to 2.5 V
MUX
PGA
Register
Configuration
Reset
Software Mode
Stereo Input 1
Stereo Input 2
Stereo Input 3 /
Mic Input 1 & 2
PGA
+32 dB
+32 dB
Volume
Controls
ALC
MIC
Bias
MUX
MUX
High Pass
Filters
ALC
Digital
Signal
Processing
Engine
Hardware Mode
or I2C & SPI
Control Data
CS53L21


Similar Part No. - CDB53L21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB53L21 CIRRUS-CDB53L21 Datasheet
1Mb / 33P
Evaluation Board for CS53L21
More results

Similar Description - CDB53L21

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Cirrus Logic
CS43L21 CIRRUS-CS43L21 Datasheet
1Mb / 63P
Low Power, Stereo Digital to Analog Converter
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1800 TI1-PCM1800_16 Datasheet
829Kb / 27P
STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1801 TI1-PCM1801_13 Datasheet
302Kb / 22P
STEREO ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com