Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 15Page - Cirrus Logic CDB53L21 Datasheet HTML 16Page - Cirrus Logic CDB53L21 Datasheet HTML 17Page - Cirrus Logic CDB53L21 Datasheet HTML 18Page - Cirrus Logic CDB53L21 Datasheet HTML 19Page - Cirrus Logic CDB53L21 Datasheet HTML 20Page - Cirrus Logic CDB53L21 Datasheet HTML 21Page - Cirrus Logic CDB53L21 Datasheet HTML 22Page - Cirrus Logic CDB53L21 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
DS700PP1
19
CS53L21
POWER CONSUMPTION
See (Note 17)
17. Unless otherwise noted, test conditions are as follows: All zeros input, slave mode, sample rate =
48 kHz; No load. Digital (VD) and logic (VL) supply current will vary depending on speed mode and mas-
ter/slave operation.
18. RESET pin 25 held LO, all clocks and data lines are held LO.
19. RESET pin 25 held HI, all clocks and data lines are held HI.
20. VL current will slightly increase in master mode.
Power Ctl. Registers
Typical Current (mA)
Operation
02h
03h
V
iVA
iVD
iVL
(Note 20)
Total
Power
(mWrms)
1
Off (Note 18)
xxxx xxxxxx 1.8
0
0
0
0
2.5
0
0
0
0
2
Standby (Note 19)
xxxx xx1 xxx 1.8
0.01
0.02
0
0.05
2.5
0.01
0.03
0
0.10
3
Mono Record
ADC 1111 100111 1.8
1.85
2.03
0.03
7.05
2.5
2.07
3.05
0.05
12.94
PGA to ADC 1110 100111 1.8
2.35
2.03
0.03
7.95
2.5
2.58
3.08
0.05
14.29
MIC to PGA to ADC
(with Bias)
1110 100100 1.8
3.67
2.05
0.03
10.36
2.5
3.95
3.09
0.05
17.71
MIC to PGA to ADC
(no Bias)
1110 100101 1.8
3.27
2.03
0.03
9.61
2.5
3.52
3.08
0.05
16.62
4
Stereo Record
ADC 1111 000111 1.8
2.69
2.12
0.03
8.72
2.5
2.93
3.18
0.04
15.40
PGA to ADC 1100 000111 1.8
3.65
2.12
0.03
10.45
2.5
3.91
3.17
0.04
17.84
MIC to PGA to ADC
(no Bias)
1100 000001 1.8
5.48
2.11
0.03
13.73
2.5
5.76
3.17
0.04
22.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com