Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 33Page - Cirrus Logic CDB53L21 Datasheet HTML 34Page - Cirrus Logic CDB53L21 Datasheet HTML 35Page - Cirrus Logic CDB53L21 Datasheet HTML 36Page - Cirrus Logic CDB53L21 Datasheet HTML 37Page - Cirrus Logic CDB53L21 Datasheet HTML 38Page - Cirrus Logic CDB53L21 Datasheet HTML 39Page - Cirrus Logic CDB53L21 Datasheet HTML 40Page - Cirrus Logic CDB53L21 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
DS700PP1
37
CS53L21
5. REGISTER QUICK REFERENCE
Software mode register defaults are as shown. “Reserved” registers must maintain their default state.
Addr
Function
7
6
543210
01h ID
Chip_ID4
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID2
Rev_ID1
Rev_ID0
p40
default
1
1
011
001
02h Power Ctl. 1
Reserved
Reserved
Reserved
PDN_PGAB
PDN_PGAA
PDN_ADCB
PDN_ADCA
PDN
p40
default
0
1(See Note
2 on page
40)
1(See Note 2
on page 40)
0
0
000
03h Speed Ctl. &
Power Ctl. 2
AUTO
SPEED1
SPEED0
3-ST_SP
PDN_MICB
PDN_MICA
PDN_
MICBIAS
MCLKDIV2
p41
default
1
0
101
110
04h Interface Ctl.
Reserved
M/S
Reserved
Reserved
Reserved
ADC_I²S/LJ
DIGMIX
MICMIX
p43
default
0
0
000
000
05h MIC Control
& Misc.
ADC_SNGVOL
ADCB_
DBOOST
ADCA_
DBOOST
MICBIAS_
SEL
MICBIAS_
LVL1
MICBIAS_
LVL0
MICB_
BOOST
MICA_
BOOST
p44
default
0
0
000
000
06h ADC Control
ADCB_HPF
EN
ADCB_HP
FRZ
ADCA_HPF
EN
ADCA_HP
FRZ
SOFTB
ZCROSSB
SOFTA
ZCROSSA
p45
default
1
0
100
000
07h ADC Input
Select
, Invert, Mute
AINB_MUX1
AINB_MUX
0
AINA_MUX1 AINA_MUX0
INV_ADCB
INV_ADCA
ADCB_
MUTE
ADCA_
MUTE
p47
default
0
0
000
000
08h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
1
100
000
09h SPE Control
Reserved
SPE_
ENABLE
FREEZE
Reserved
Reserved
Reserved
SPE_SZC1
SPE_SZC0
p48
default
0
0
000
110
0Ah ALCA SZC &
PGAA Vol-
ume
ALCA_SR
DIS
ALCA_ZC
DIS
Reserved
PGAA
VOL4
PGAA
VOL3
PGAA
VOL2
PGAA
VOL1
PGAA
VOL0
p49
default
0
0
000
000
0Bh ALCB SZC &
PGAB Vol-
ume
ALCB_SR
DIS
ALCB_ZC
DIS
Reserved
PGAB
VOL4
PGAB
VOL3
PGAB
VOL2
PGAB
VOL1
PGAB
VOL0
p49
default
0
0
000
000
0Ch ADCA Atten-
uator
ADCA_
ATT7
ADCA_
ATT6
ADCA_
ATT5
ADCA_
ATT4
ADCA_
ATT3
ADCA_
ATT2
ADCA_
ATT1
ADCA_
ATT0
p50
default
0
0
000
000
0Dh ADCB Atten-
uator
ADCB_
ATT7
ADCB_
ATT6
ADCB_
ATT5
ADCB_
ATT4
ADCB_
ATT3
ADCB_
ATT2
ADCB_
ATT1
ADCB_
ATT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com