Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 37Page - Cirrus Logic CDB53L21 Datasheet HTML 38Page - Cirrus Logic CDB53L21 Datasheet HTML 39Page - Cirrus Logic CDB53L21 Datasheet HTML 40Page - Cirrus Logic CDB53L21 Datasheet HTML 41Page - Cirrus Logic CDB53L21 Datasheet HTML 42Page - Cirrus Logic CDB53L21 Datasheet HTML 43Page - Cirrus Logic CDB53L21 Datasheet HTML 44Page - Cirrus Logic CDB53L21 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
DS700PP1
41
CS53L21
Power Down PGA X (PDN_PGAX)
Default: 0
0 - Disable
1 - Enable
Function:
PGA channel x will either enter a power-down or muted state when this bit is enabled. See Power Control
1 (Address 02h) Note 1 above.
This bit is used in conjunction with AINx_MUX bits to determine the analog input path to the ADC. Refer to
“ADCX Input Select Bits (AINX_MUX[1:0])” on page 47 for the required settings.
Power Down ADC X (PDN_ADCX)
Default: 0
0 - Disable
1 - Enable
Function:
ADC channel x will either enter a power-down or muted state when this bit is enabled. See Note 1 on page
40.
Power Down (PDN)
Default: 0
0 - Disable
1 - Enable
Function:
The entire A/D will enter a low-power state when this function is enabled. The contents of the control port
registers are retained in this mode.
6.3
MIC Power Control & Speed Control (Address 03h)
Auto-Detect Speed Mode (AUTO)
Default: 1
0 - Disable
1 - Enable
Function:
Enables the auto-detect circuitry for detecting the speed mode of the A/D when operating as a slave. When
AUTO is enabled, the MCLK/LRCK ratio must be implemented according to Table 3 on page 30. The
SPEED[1:0] bits are ignored when this bit is enabled. Speed is determined by the MCLK/LRCK ratio.
7
6
5
432
10
AUTO
SPEED1
SPEED0
3-ST_SP
PDN_MICB
PDN_MICA PDN_MICBIAS
MCLKDIV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com