Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4412 Datasheet HTML 1Page - Cirrus Logic CS4412 Datasheet HTML 2Page - Cirrus Logic CS4412 Datasheet HTML 3Page - Cirrus Logic CS4412 Datasheet HTML 4Page - Cirrus Logic CS4412 Datasheet HTML 5Page - Cirrus Logic CS4412 Datasheet HTML 6Page - Cirrus Logic CS4412 Datasheet HTML 7Page - Cirrus Logic CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS749A1
5
CS4412
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND=PGND=0 V, all voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
GND = PGND = 0 V; all voltages with respect to ground. (Note 1)
Notes:
1.
Operation beyond these limits may result in permanent damage to the device.
2.
Normal operation is not guaranteed at these extremes.
3.
Any pin except supplies. Transient currents of up to ±100 mA on the PWM input pins will not cause
SCR latch-up.
4.
The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
Digital and Analog Core
VD
2.375
2.5
2.625
V
VD
3.135
3.3
3.465
V
VD
4.75
5.0
5.25
V
Power Stage
VP
8.1
19.8
V
Temperature
Ambient Temperature
Commercial
TA
-40
-
+70
°C
Junction Temperature
TJ
-+150
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Power Stage
Outputs Switching and Under Load
Power Stage
No Output Switching
Digital and Analog Core
(Note 2)
VP
VP
VD
-0.3
-0.3
-0.3
19.8
23.0
6.0
V
V
V
Inputs
(Note 2)
Input Current
(Note 3)Iin
-±10
mA
Digital Input Voltage
(Note 4)VIND
-0.3
VD + 0.4
V
Temperature
(Note 2)
Ambient Operating Temperature - Power Applied
Commercial
TA
-40
+85
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com