Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 3Page - Cirrus Logic CS4412 Datasheet HTML 4Page - Cirrus Logic CS4412 Datasheet HTML 5Page - Cirrus Logic CS4412 Datasheet HTML 6Page - Cirrus Logic CS4412 Datasheet HTML 7Page - Cirrus Logic CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic CS4412 Datasheet HTML 10Page - Cirrus Logic CS4412 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DS749A1
7
CS4412
DC ELECTRICAL CHARACTERISTICS
GND = PGND = 0 V; All voltages with respect to ground; PWM switch rate = 384 kHz; Unless otherwise specified.
Notes:
5.
Normal operation is defined as RSTx/y = HI.
6.
All outputs idle.
7.
Power-Down Mode is defined as RSTx/y = LOW with all input lines held static.
8.
Power supply current increases with increasing PWM switching rates.
DIGITAL INTERFACE SPECIFICATIONS
GND = PGND = 0 V; All voltages with respect to ground; Unless otherwise specified.
Parameters
Min
Typ
Max
Units
Normal Operation
(Notes 5, 8)
Power Supply Current
VD = 3.3 V
-
20
-
mA
Power Dissipation
VD = 3.3 V
-
66
-
mW
50 % Duty Cycle VP Idle Current (Note 6)
VP = 18 V
-
20
-
mA
Power-Down Mode
(Note 7)
Power Supply Current
VD = 3 .3 V
-
4.3
-
mA
Power Supply Current
VP = 18 V
-
100
-
μA
VD_REG Characteristics
Nominal Voltage
DC current source
2.25
-
2.5
-
2.75
3
V
mA
VA_REG Characteristics
Nominal Voltage
DC current source
2.25
-
2.5
-
2.75
1
V
mA
Parameters
Symbol
Min
Max
Units
High-Level Input Voltage
VIH
0.7*VD_REG
VD
V
Low-Level Input Voltage
VIL
-
0.20*VD_REG
V
High-Level Output Voltage
Io=2 mA
VOH
0.90*VD
-
V
Input Leakage Current
Iin
-±10
μA
Input Capacitance
-
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com