Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic CS4412 Datasheet HTML 18Page - Cirrus Logic CS4412 Datasheet HTML 19Page - Cirrus Logic CS4412 Datasheet HTML 20Page - Cirrus Logic CS4412 Datasheet HTML 21Page - Cirrus Logic CS4412 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
DS749A1
CS4412
7. PACKAGE DIMENSIONS
Notes:
1.
Dimensioning and tolerance per ASME Y4.5M - 1994.
2.
Dimensioning lead width applies to the plated terminal and is measured between 0.20 mm and
0.25 mm from the terminal tip.
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
----
0.0354
----
0.90
1
A1
0.0000
--
0.0020
0.00
--
0.05
1
b
0.0118
0.0138
0.0157
0.30
0.35
0.40
1,2
D
0.3543 BSC
9.00 BSC
1
D2
0.2618
0.2677
0.2736
6.65
6.80
6.95
1
E
0.3543 BSC
9.00 BSC
1
E2
0.2618
0.2677
0.2736
6.65
6.80
6.95
1
e
0.0256 BSC
0.65 BSC
1
L
0.0177
0.0217
0.0276
0.45
0.55
0.70
1
JEDEC #: MO-220
Controlling Dimension is Millimeters.
Side View
A1
Bottom View
Top View
A
Pin #1 ID
D
E
D2
L
b
e
Pin #1 ID
E2
48L QFN (9
× 9 MM BODY) PACKAGE DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com