Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic CS4412 Datasheet HTML 18Page - Cirrus Logic CS4412 Datasheet HTML 19Page - Cirrus Logic CS4412 Datasheet HTML 20Page - Cirrus Logic CS4412 Datasheet HTML 21Page - Cirrus Logic CS4412 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS749A1
21
CS4412
8. THERMAL CHARACTERISTICS
8.1
Thermal Flag
This device is designed to have the metal flag on the bottom of the device soldered directly to a metal plane
on the PCB. To enhance the thermal dissipation capabilities of the system, this metal plane should be cou-
pled with vias to a large metal plane on the backside (and inner ground layer, if applicable) of the PCB.
In either case, it is beneficial to use copper fill in any unused regions inside the PCB layout, especially those
immediately surrounding the CS4412. In addition to improving in electrical performance, this practice also
aids in heat dissipation.
The heat dissipation capability required of the metal plane for a given output power can be calculated as
follows:
θCA = [(TJ(MAX) - TA) / PD] - θJC
where,
θCA = Thermal resistance of the metal plane in °C/Watt
TJ(MAX) = Maximum rated operating junction temperature in °C, equal to 150 °C
TA = Ambient temperature in °C
PD = RMS power dissipation of the device, equal to 0.15*PRMS-IN or 0.176*PRMS-OUT (assuming 85% effi-
ciency)
θJC = Junction-to-case thermal resistance of the device in °C/Watt
Parameter
Symbol
Min
Typ
Max
Units
Junction to Case Thermal Impedance
θJC
-1
-
°C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com