Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 9Page - Cirrus Logic CS4412 Datasheet HTML 10Page - Cirrus Logic CS4412 Datasheet HTML 11Page - Cirrus Logic CS4412 Datasheet HTML 12Page - Cirrus Logic CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DS749A1
13
CS4412
4. APPLICATIONS
4.1
Overview
The CS4412 is a high-efficiency power stage for digital Class-D amplifiers designed to be configured as four
half-bridge channels, two half-bridge channels and one full-bridge channel, two full-bridge channels, or one
parallel full-bridge channel.
The CS4412 integrates on-chip over-current, under-voltage, over-temperature protection and error report-
ing as well as a thermal warning indicator. The low RDS(ON) outputs can source up to 2.4 A peak current,
delivering 85% efficiency. This efficiency provides for smaller device package, no external heat sink require-
ments, and smaller power supplies.
4.2
Reset and Power-Up
Reliable power-up can be accomplished by keeping the device in reset until the power supplies, clocks, and
configuration pins are stable. It is also recommended that the RSTx/y pin be activated if the voltage supplies
drop below the recommended operating condition to prevent power-glitch- related issues.
When RSTx/y is low, the corresponding channels of the CS4412 enter a low-power mode and all of the
channels’ internal states are reset and the outputs are set to HI-Z. When RSTx/y is high, the desired mode
settings will be loaded and the outputs will begin normal operation.
4.2.1
PWM Popguard Transient Control
The CS4412 uses Popguard technology to minimize the effects of output transients during power-up and
power-down for half-bridge configurations. This technique reduces the audio transients commonly pro-
duced by half-bridge, single-supply amplifiers when implemented with external DC-blocking capacitors
connected in series with the audio outputs.
When the device is configured for ramping (RAMP set high) and RSTx/y is set high, the OUTx/y outputs
will ramp-up to the bias point (VP/2). This gradual voltage ramping allows time for the external DC-block-
ing capacitor to charge to the quiescent voltage, minimizing the power-up transient. The OUTx/y outputs
will not begin normal operation until the ramp has reached the bias point. The INx/y inputs must begin
switching before the ramp cycle begins.
When the device is configured for ramping (RAMP set high) and RSTx/y is set low, the OUTx/y outputs
will begin to slowly ramp down from the bias point to PGND, allowing the DC-blocking capacitor to dis-
charge.
The ramp feature should only be used in quad half-bridge configuration. It is not necessary to complete a
ramp-up/down sequence before ramping up/down again.
4.2.2
Recommended Power-Up Sequence
1.
Turn on the system power.
2.
Hold RSTx/y low until the power supply and system clocks are stable. In this state, all associated
outputs are HI-Z.
3.
Start the PWM modulator output.
4.
Once the PWM modulator output is valid, release RSTx/y high. If the CS4412 is configured for
ramping, the outputs will ramp to the bias point and then begin switching normally. If the CS4412 is
not configured for ramping, the outputs will immediately begin switching normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com