Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 2Page - Cirrus Logic CS4412 Datasheet HTML 3Page - Cirrus Logic CS4412 Datasheet HTML 4Page - Cirrus Logic CS4412 Datasheet HTML 5Page - Cirrus Logic CS4412 Datasheet HTML 6Page - Cirrus Logic CS4412 Datasheet HTML 7Page - Cirrus Logic CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic CS4412 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
DS749A1
CS4412
PWM POWER OUTPUT CHARACTERISTICS
Test Conditions (unless otherwise specified): GND = PGND = 0 V; All voltages with respect to ground; TA = 25° C;
VD = 3.3 V; VP = 18 V; RL = 8 Ω for full-bridge, RL = 4 Ω for half-bridge and parallel full-bridge; PWM Switch Rate
= 384 kHz; 10 Hz to 20 kHz Measurement Bandwidth; Input source is CS4525 PWM_SIG outputs; Performance
measurements taken with a full scale 997 Hz sine wave and AES17 filter.
Parameters
Symbol
Conditions
Min
Typ
Max
Units
Power Output per Channel
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
PO
THD+N < 10%
THD+N < 1%
THD+N < 10%
THD+N < 1%
THD+N < 10%
THD+N < 1%
-
-
-
-
-
-
15
12
7
5.5
30
23.5
-
-
-
-
-
-
W
W
W
W
W
W
Total Harmonic Distortion + Noise
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
THD+N
PO = 1 W
PO = 0 dBFS = 11.3 W
PO = 1 W
PO = 0 dBFS = 5.0 W
PO = 1 W
PO = 0 dBFS = 22.6 W
-
-
-
-
-
-
0.1
0.3
0.1
0.3
0.1
0.3
-
-
-
-
-
-
%
%
%
%
%
%
Dynamic Range
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
DYR
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
-
-
-
-
102
99
102
99
102
99
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
MOSFET On Resistance
RDS(ON)
Id = 0.5 A, TJ =50°C
-
518
615
m
Ω
Efficiency
h
PO = 2 x 11.3 W, RL = 8 Ω
-85
-
%
Minimum Output Pulse Width
PWmin
No Load
-
50
-
ns
Rise Time of OUTx
tr
Resistive Load
-
20
-
ns
Fall Time of OUTx
tf
Resistive Load
-
20
-
ns
PWM Output Over-Current Error Trip Point
ICE
OCREF = 16.2 k
Ω
2.4
-
-
A
Junction Thermal Warning Trip Point
TTW
-
120
-
°C
Junction Thermal Error Trip Point
TTE
-
140
-
°C
VP Under-Voltage Error Trip Point
VUV
4.5
-
-
V
Ramp-Up Time - Half-Bridge Configuration
TRU
Capacitor = 1000 µF
-
0.8
-
s
Ramp-Down Time- Half-Bridge Configuration
TRD
Capacitor = 1000 µF
-
50
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com