Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 6Page - Cirrus Logic CS4412 Datasheet HTML 7Page - Cirrus Logic CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic CS4412 Datasheet HTML 10Page - Cirrus Logic CS4412 Datasheet HTML 11Page - Cirrus Logic CS4412 Datasheet HTML 12Page - Cirrus Logic CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
DS749A1
CS4412
+9 V to +18 V
31
30
25
36
12
470 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
10 µF
+3.3 V or +5.0 V
22
28
34
37
38
39
40
33
IN1
4
GND 10
GND
16
GND
17
GND
14
GND
15
VD_REG
11
0.1 µF
10 µF
7
IN4
IN2
5
IN3
6
24
RAMP_CAP
VA_REG
13
0.1 µF
10 µF
OCREF
21
16.2 k
Ω
GND
18
GND
19
GND 47
GND
48
27
23
GND
20
PWM1+
PWM2+
PWM3+
PWM4+
Output
Filter
OUT3
29
Output
Filter
OUT4
26
Output
Filter
OUT1
35
Output
Filter
OUT2
32
470 µF 470 µF
System
Control
Logic
43
ERROC12
ERROC34
44
ERRUVTE
42
TWR
41
RST12
8
46
RST34
VD
RAMP
45
Hardware
Control
Settings
CNFG2
3
CNFG1
2
CNFG0
1
LVD
9
Figure 2. 2.1 Channel Typical Configuration Diagram
CS4412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com