Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4412 Datasheet HTML 1Page - Cirrus Logic CS4412 Datasheet HTML 2Page - Cirrus Logic CS4412 Datasheet HTML 3Page - Cirrus Logic CS4412 Datasheet HTML 4Page - Cirrus Logic CS4412 Datasheet HTML 5Page - Cirrus Logic CS4412 Datasheet HTML 6Page - Cirrus Logic CS4412 Datasheet HTML 7Page - Cirrus Logic CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS749A1
3
CS4412
1. PIN DESCRIPTION
Pin Name
Pin #
Pin Description
CNFG0
CNFG1
CNFG2
1
2
3
Out Configuration Select (Input) - Used to set the PWM output configuration mode. See “Output
Mode Configuration” on page 14.
IN1
IN2
IN3
IN4
4
5
6
7
PWM Input (Input) - Inputs from a PWM modulator.
RST1/2
RST3/4
8
46
Reset Input (Input) - Reset inputs for channels 1/2 and 3/4 respectively. Active low.
LVD
9
VD Voltage Level Indicator (Input) - Identifies the voltage level attached to VD. When applying
5.0 V to VD, LVD must be connected to VD. When applying 2.5 V or 3.3 V to VD, LVD must be
GND.
VD_REG
11
Core Digital Power (Output) - Filter connection for the internally generated power supply for the
low voltage digital circuitry.
VD
12
Digital Power (Input) - Low voltage power supply for internal logic.
VA_REG
13
Core Analog Power (Output) - Filter connection for internally generated power supply for the low
voltage analog circuitry
14
13
8
7
6
5
4
3
2
1
15
16
17
18
19
20
29
30
31
32
33
34
35
36
41
42
43
44
45
46
47
48
Top-Down View
48-Pin QFN Package
37
38
39
40
12
11
10
9
21
22
23
24
25
26
27
28
CNFG0
CNFG1
CNFG2
IN1
IN2
RST12
VP
OUT1
PGND
PGND
OUT2
VP
VP
OUT3
LVD
VD_REG
VD
PGND
PGND
OUT4
VP
IN3
IN4
GND
CS4412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com