Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 12Page - Cirrus Logic CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic CS4412 Datasheet HTML 18Page - Cirrus Logic CS4412 Datasheet HTML 19Page - Cirrus Logic CS4412 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
DS749A1
CS4412
4.4.2
Full-Bridge Output Filter (Stereo or Parallel)
Figure 6 shows the output filter for a full-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a resistor (20
Ω) and capacitor (330 pF) and should be placed as close
as possible to the corresponding PWM output pins to greatly reduce radiated EMI. The inductors, L1, and
capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance of the speaker, these
values set the cutoff frequency of the filter. Table 5 shows the component values based on nominal speak-
er (load) impedance for a corner frequency (-3 dB point) of approximately 35 kHz.
Load
Corner Frequency
C2
4
Ω
40 Hz
1000 µF
58 Hz
680 µF
120 Hz
330 µF
6
Ω
39 Hz
680 µF
68 Hz
390 µF
120 Hz
220 µF
8
Ω
42 Hz
470 µF
60 Hz
330 µF
110 Hz
180 µF
Table 4. DC-Blocking Capacitors Values - Half-Bridge
Load
L1
C1
4
Ω
10 µH
1.0 µF
6
Ω
15 µH
0.47 µF
8
Ω
22 µH
0.47 µF
Table 5. Low-Pass Filter Components - Full-Bridge
330 pF
20
Ω
C1
L1
L1
*Diode is Zetex
ZHCS400 or
equivalent
VP
VP
+ PWM
Output
- PWM
Output
Figure 6. Output Filter - Full-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com