Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 10Page - Cirrus Logic CS4412 Datasheet HTML 11Page - Cirrus Logic CS4412 Datasheet HTML 12Page - Cirrus Logic CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic CS4412 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
14
DS749A1
CS4412
4.2.3
Recommended Power-Down Sequence
1.
Mute the logic-level PWM inputs present on IN1 - IN4 by applying 50 % duty-cycle inputs.
2.
Set RSTx/y low. If the CS4412 is configured for ramping, the outputs will ramp down to PGND and
then become HI-Z. If the CS4412 is not configured for ramping, the outputs will immediately become
HI-Z.
3.
Power down the remainder of the system.
4.
Turn off the system power.
4.3
Output Mode Configuration
The CS4412 can be configured for several modes of operation. Table 2 shows the setting of the CNFG[2:0]
inputs and the corresponding mode of operation. These pins should remain static during operation (RSTx/y
set high).
CNFG2 CNFG1 CNFG0 Output Config.
Description
0
0
0
Stereo Full-Bridge
Tied Loads
IN1 must be inverted from IN2 for full-bridge operation.
IN3 must be inverted from IN4 for full-bridge operation.
0
0
1
Stereo Half-Bridge
and Mono Full-
Bridge Tied Loads
IN1 must be provided for half-bridge operation.
IN2 must be provided for half-bridge operation.
IN3 must be inverted from IN4 for full-bridge operation.
0
1
0
Mono Parallel Full-
Bridge Tied Load
IN1 and IN3 must be inverted from IN2 and IN4 for parallel full-
bridge operation.
0
1
1
Quad Half-Bridge
Tied Loads
IN1 must be provided for half-bridge operation.
IN2 must be provided for half-bridge operation.
IN3 must be provided for half-bridge operation.
IN4 must be provided for half-bridge operation.
1
0
0
Stereo Full-Bridge
Tied Loads
With Inversion
IN1 must be provided for full-bridge operation.
Wire IN2 to IN1. IN2 is internally inverted for full-bridge operation.
IN3 must be provided for full-bridge operation.
Wire IN4 to IN3. IN4 is internally inverted for full-bridge operation.
1
0
1
Stereo Half-Bridge
& Mono Full-Bridge
Tied Loads
With Inversion
IN1 must be provided for half-bridge operation.
IN2 must be provided for half-bridge operation.
IN3 must be provided for full-bridge operation.
Wire IN4 to IN3. IN4 is internally inverted for full-bridge operation.
1
1
0
Mono Parallel Full-
Bridge Tied Load
With Inversion
IN1 must be provided for parallel full-bridge operation.
Wire IN4, IN3, and IN2 to IN1.
IN2 and IN4 are internally inverted for parallel full-bridge operation.
1
1
1
Quad Half-Bridge
Tied Loads
IN1 must be provided for half-bridge operation.
IN2 must be provided for half-bridge operation.
IN3 must be provided for half-bridge operation.
IN4 must be provided for half-bridge operation.
Table 2. Output Mode Configuration Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com