Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4412 Datasheet HTML 1Page - Cirrus Logic CS4412 Datasheet HTML 2Page - Cirrus Logic CS4412 Datasheet HTML 3Page - Cirrus Logic CS4412 Datasheet HTML 4Page - Cirrus Logic CS4412 Datasheet HTML 5Page - Cirrus Logic CS4412 Datasheet HTML 6Page - Cirrus Logic CS4412 Datasheet HTML 7Page - Cirrus Logic CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
30 W Quad Half-Bridge Digital Amplifier Power Stage
Features
Configurable Outputs (10% THD+N)
–
2 x 15 W into 8
Ω, Full-Bridge
–
1 x 30 W into 4
Ω, Parallel Full-Bridge
–
4 x 7 W into 4
Ω, Half-Bridge
–
2 x 7 W into 4
Ω, Half-Bridge + 1 x 15 W
into 8
Ω, Full-Bridge
Space-Efficient Thermally-Enhanced QFN
–
No External Heat Sink Required
> 100 dB Dynamic Range - System Level
0.1% THD+N @ 1 W - System Level
Built-In Protection with Error Reporting
–
Over-current
–
Thermal Warning and Overload
–
Under-voltage
+9 V to +18 V High Voltage Supply
PWM Popguard® for Quiet Startup
High Efficiency (85%)
Low RDS(ON)
Low Quiescent Current
Low Power Standby Mode
Common Applications
Integrated Digital Televisions
Portable Docking Stations
Mini/Micro Shelf Systems
Powered Desktop Speakers
General Description
The CS4412 is a high-efficiency power stage for digital
Class-D amplifiers designed to input PWM signals from
a modulator such as the CS4525. The power stage out-
puts can be configured as four half-bridge channels, two
half-bridge channels and one full-bridge channel, two
full-bridge channels, or one parallel full-bridge channel.
The CS4412 integrates on-chip over-current, under-
voltage, over-temperature protection and error report-
ing as well as a thermal warning indicator. The low
RDS(ON) outputs can source up to 2.4 A peak current,
delivering 85% efficiency. This efficiency provides for a
small device package and lower power supplies.
The CS4412 is available in a 48-pin QFN package in
Commercial grade (-40 to +70° C). The CRD4412 cus-
tomer reference design is also available. Please refer to
“Ordering Information” on page 22 for complete order-
ing information.
VP
Amplifier
Out 1
Amplifier
Out 2
PGND
Amplifier
Out 3
Amplifier
Out 4
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
2.5 V to 5 V
9 V to 18 V
In 1
Non-Overlap
Time Insertion
Non-Overlap
Time Insertion
Non-Overlap
Time Insertion
Non-Overlap
Time Insertion
Protection &
Error Reporting
In 2
In 3
In 4
Current &
Thermal Data
Control Logic
Hardware
Configuration
Reset
Mode
Configuration
SEPTEMBER '06
DS749A1
CS4412


Similar Part No. - CS4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A CIRRUS-CS4412A Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A-CNZ CIRRUS-CS4412A-CNZ Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A-CNZ CIRRUS-CS4412A-CNZ Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
CS4412A-CNZR CIRRUS-CS4412A-CNZR Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
More results

Similar Description - CS4412

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44130 CIRRUS-CS44130 Datasheet
349Kb / 23P
60 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A Datasheet
493Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Cirrus Logic
CS4412A CIRRUS-CS4412A_08 Datasheet
433Kb / 24P
30 W Quad Half-Bridge Digital Amplifier Power Stage
logo
Texas Instruments
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5122 TI-TAS5122_15 Datasheet
768Kb / 25P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com