Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic CS4412 Datasheet HTML 17Page - Cirrus Logic CS4412 Datasheet HTML 18Page - Cirrus Logic CS4412 Datasheet HTML 19Page - Cirrus Logic CS4412 Datasheet HTML 20Page - Cirrus Logic CS4412 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DS749A1
17
CS4412
4.5
Device Protection and Error Reporting
The CS4412 has built-in protection circuitry for over-current, under-voltage, and thermal warning/overload
conditions. The levels of the over-current error, thermal error, and VP under-voltage trip points are listed
in the PWM Power Output Characteristics table on page 6. Automatic shut-down will occur whenever any
of these preset thresholds are crossed.
Each error and warning pin implements an active-low open-drain driver and requires an external pull-up
for proper operation.
4.5.1
Over-current Protection
Over-current errors are reported on the ERROCx/y pins. For example, an over-current error on OUT1 is
reported by the ERROC1/2 pin. The power output of the channel which is reporting the over-current con-
dition will be set to high-impedance until the error condition has been removed and the RSTx/y signal for
that channel has been toggled from low to high.
4.5.2
Thermal Warning, Thermal Error, and Under-Voltage Error
Table 7 shows the behavior of the TWR and ERRUVTE pins. When the junction temperature exceeds the
junction thermal warning trip point, the TWR pin will be set low. If the junction temperature continues to
increase beyond the junction thermal error trip point, the ERRUVTE pin will be set low. If the voltage on
VP falls below the VP under-voltage error trip point, ERRUVTE will be set low.
When the thermal error or VP under-voltage trip point is crossed, all power outputs will be set to high-
impedance until the error condition has been removed and the RSTx/y signals have been toggled from
low to high.
ERROCx/y
Reported Condition
0
Over-current error on channel x or channel y.
1
Operating current of channel x and y within allowable limits.
Table 6. Over-current Error Conditions
TWR
ERRUVTE
Reported Condition
0
0
Thermal warning and thermal error and/or under-voltage error.
0
1
Thermal warning only.
1
0
Under-voltage error.
1
1
Junction temperature and VP voltage within normal limits.
Table 7. Thermal and Under-Voltage Error Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com