Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4412 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4412
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4412 Datasheet HTML 8Page - Cirrus Logic CS4412 Datasheet HTML 9Page - Cirrus Logic CS4412 Datasheet HTML 10Page - Cirrus Logic CS4412 Datasheet HTML 11Page - Cirrus Logic CS4412 Datasheet HTML 12Page - Cirrus Logic CS4412 Datasheet HTML 13Page - Cirrus Logic CS4412 Datasheet HTML 14Page - Cirrus Logic CS4412 Datasheet HTML 15Page - Cirrus Logic CS4412 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
DS749A1
CS4412
+9 V to +18 V
31
30
25
36
12
470 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
10 µF
+3.3 V or +5.0 V
22
28
34
37
38
39
40
33
IN1
4
GND 10
GND
16
GND
17
GND
14
GND
15
VD_REG
11
0.1 µF
10 µF
7
IN4
IN2
5
IN3
6
24
RAMP_CAP
VA_REG
13
0.1 µF
10 µF
OCREF
21
16.2 k
Ω
GND
18
GND
19
GND 47
GND
48
27
23
GND
20
PWM1+
PWM2+
PWM3+
PWM4+
OUT1 35
OUT2 32
OUT3
29
OUT4
26
Output
Filter
Output
Filter
System
Control
Logic
43
ERROC12
ERROC34
44
ERRUVTE
42
TWR
41
RST12
8
46
RST34
VD
RAMP
45
Hardware
Control
Settings
CNFG2
3
CNFG1
2
CNFG0
1
LVD
9
Figure 4. Mono Parallel Full-Bridge Typical Connection Diagram
CS4412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com