Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 104Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 105Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 106Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 111Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 590 page
background image
Chapter 6 Clocks
6-4
Table 6.1.2 Relationship Among Different Clock Frequencies
Input Clock
Internal Clock
External Clock (Output)
SYSCLK (MHz)
Boot Configuration
Setting
ADDR[4:3]
MASTERCLK
(MHz)
RF Setting
CPUCLK
(MHz)
GBUSCLK
(MHz)
GBUSCLKF
(MHz)
IMBUSCLK
(MHz)
IMBUSCLKF
(MHz)
SDCLK
[1:0]
(MHz)
11
10
01
00
PCICLK[2:1],
PCICLK_IO
(MHz)
00
200
80
80
40
40
80
80
40
26.7
20
01
100
40
80
20
40
40
40
20
13.3
10
10
50
20
80
10
40
20
20
10
6.7
5
20
11
25
10
80
5
40
10
10
5
3.3
2.5
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com