Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 111 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 111 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 107Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 108Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 109Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 110Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 111Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 112Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 113Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 114Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 115Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 590 page
background image
Chapter 7 External Bus Controller
7-1
7.
External Bus Controller
7.1
Features
The External Bus Controller is used for accessing ROM, SRAM memory, and I/O peripherals.
The
features of this bus are described below.
•
8 independent channels (Channel 6 and 7 are used only PCMCIA mode.)
•
Supports access to ROM (mask ROM, page mode ROM, EPROM, EEPROM), SRAM, flash memory,
and I/O peripherals.
•
Selectable data bus width of 8-bit, 16-bit, 32-bit for each channel
•
Selectable full-speed, 1/2 speed, 1/3 speed, 1/4 speed for each channel
•
Programmable timing for each channel. Programmable setup and hold time of address, chip enable,
write enable, and output enable signals.
•
Supports memory sizes from 1 MB to 1 GB for devices with a 32-bit data bus. Supports memory sizes
from 1 MB to 512 MB for devices with a 16-bit data bus. Supports memory sizes from 1 MB to 256 MB
for devices with an 8-bit data bus.
•
Supports special DMAC Burst access (address decrement/fixed).
•
Supports critical word first access of the TX49/H2 core.
•
Supports page mode memory. Supports 4-, 8-, and 16-page size.
•
Supports the External Acknowledge Signal (ACK*) and External Ready Signal modes.
•
Channel 0 and 7 can be used as Boot memory. Boot settings can be made from the following selections:
- Data bus width: 8-bit, 16-bit, 32-bit
- ACK* output or ACK* input
- BWE pin (byte enable or byte Write enable)
- Boot channel clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com