Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 112Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 113Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 114Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 115Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 116Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 590 page
background image
Chapter 7 External Bus Controller
7-6
7.3.4
External Address Output
The maximum memory space size for each channel is 1 GB (230B). Addresses are output by dividing
the 20-bit ADDR[19:0] signal into two parts: the upper address and the lower address. The address bit
output to each bit of the ADDR[19:0] signal changes according to the setting of the channel data bus
width. (See “7.3.5 Data Bus Size” for more information.)
It is possible for an external device to latch the upper eight address bits using the UAE signal. Either
the UAE signal itself can be used as a Latch Enable signal or the upper address can be latched at the rise
of SYSCLK when the UAE signal is being asserted.
The ADDR signal output is held for one clock cycle after the UAE signal assertion when the
CCFG.UAEHOLD bit is set (default). (See Figure 7.5.1.) The ADDR signal output is not held when the
CCFG.UAEHOLD bit is cleared. This hold time setting is applied globally to all channels.
The UAE signal of the upper address is always asserted at the first external bus access cycle after
Reset. In all subsequent external bus access cycles, the bit mapping of the upper address output to
ADDR[19:12] is compared to the bit mapping of the upper address output to ADDR[19:12] previously.
The upper address is output and the UAE signal is asserted only if the compared results do not match.
As indicated below in Table 7.3.3, in the case of channel sizes that do not use the upper address
latched by the UAE signal, with the exception of the first cycle after reset, the upper address is not
output and the UAE signal is not asserted.
Table 7.3.3 Relationship Between the Upper Address Output and the Channel Size (CS)
CS
Bus Width
1 MB
2 MB
4 MB
8 MB or more
32 bits

√
16 bits

√
√
8 bits
√
√
√
√: The upper address output changes when the upper address changes.
: The upper address output does not change (with the exception of the first cycle after
reset.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com