Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4925 Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 113Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 114Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 115Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 116Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 590 page
background image
Chapter 7 External Bus Controller
7-7
7.3.5
Data Bus Size
The External Bus Controller supports devices with a data bus width of 8 bits, 16 bits, and 32 bits. The
data bus width is selected using the BSZ field of the Channel Control Register (EBCCRn). The address
bits output to each bit of the ADDR[19:0] signal change according to the mode. When access of a size
larger than the data bus width is performed, the dynamic bus sizing function is used to execute multiple
bus access cycles in order from the lower address.
7.3.5.1
32-bit Bus Width Mode
DATA[31:0] becomes valid.
Bits [21:2] of the physical address are output to ADDR[19:0]. The internal address bits [29:22],
which are the upper address, are multiplexed to external ADDR[19:12]. The maximum memory
size is 1 GB.
Table 7.3.4 Address Output Bit Correspondence in the 32-bit Mode
ADDR Bit
19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Upper Address
29
28
27
26
25
24
23
22
Lower Address
21
201918
171615
141312
1110
9
8
7
6
5
4
3
2
When a Single cycle that accesses 1-Byte/1 half-word/1-word data is executed, 32-bit access is
executed only once on the external bus. 32-bit access is executed twice when performing 1-
double-word access. When a Burst cycle is executed, one 32-bit cycles are executed for each Burst
access when the Bus cycle tries to request a byte combination other than word data.
7.3.5.2
16-bit Bus Width Mode
DATA[15:0] becomes valid.
Bits [20:1] of the physical address are output to ADDR[19:0]. The internal address bits [28:21],
which are the upper address, are multiplexed to external ADDR[19:12]. In other words, the
address is shifted up one bit relative to the 32-bit bus mode when output. As a result, the
maximum memory size of the 16-bit bus mode is 512 MB.
Table 7.3.5 Address Output Bit Correspondence in the 16-bit Mode
ADDR Bit
19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Upper Address
28
27
26
25
24
23
22
21
Lower Address
20
191817
161514
131211
10
9
8
7
6
5
4
3
2
1
When a Single cycle that accesses 1-Byte or 1 half-word data is executed, 16-bit access is
executed only once on the external bus. 16-bit access is executed twice when performing 1-word
access. 16-bit access is executed four times when performing 1-double-word access. When a Burst
cycle is executed, two 16-bit cycles are executed for each Burst access when the Bus cycle tries to
request a byte combination other than word data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com