Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 11 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 7Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 8Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 9Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 10Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 11Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 12Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 13Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 14Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
5387B–HIREL–07/05
PC7447A [Preliminary]
Notes:
1. Caution: The input threshold selection must agree with the OVDD voltages supplied. See notes
in Table 6-1 on page 9.
2. If used, pull-down resistors should be less than 250
Ω.
6.4
Thermal Characteristics
6.4.1
Package Characteristics
Notes:
1. See ”Thermal Management Information” on page 12 for details about thermal management.
2. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) tempera-
ture, ambient temperature, airflow, power dissipation of other components on the board, and board thermal resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
4. Per JEDEC JESD51-6 with the board horizontal.
5. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
6. This is the thermal resistance between the die and the case top surface as measured with the cold plate method (MIL
SPEC-883 Method 1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
6.4.2
Internal Package Conduction Resistance
For the exposed-die packaging technology described in Table 6-4 on page 11, the intrinsic con-
duction thermal resistance paths are as follows:
• The die junction-to-case thermal resistance (the case is actually the top of the exposed
silicon die)
• The die junction-to-ball thermal resistance
Figure 19 depicts the primary heat transfer path for a package with an attached heat sink
mounted to a printed-circuit board.
Table 6-3.
Input Threshold Voltage Setting(1)
BVSEL Signal
Processor Bus Input Threshold is
Relative to:
Notes
01.8V
(2)
¬HRESET
Not available
HRESET
2.5V
12.5V
Table 6-4.
Package Thermal Characteristics(1)
Symbol
Characteristic
Value
Unit
RθJA
(2)(3)
Junction-to-ambient thermal resistance, natural convection, single-layer (1s) board
26
°C/W
RθJMA
(2)(4)
Junction-to-ambient thermal resistance, natural convection, four-layer (2s2p) board
19
°C/W
RθJMA
(2)(4)
Junction-to-ambient thermal resistance, 200 ft./min. airflow, single-layer (1s) board
20
°C/W
RθJMA
(2)(4)
Junction-to-ambient thermal resistance, 200 ft./min. airflow, four-layer (2s2p) board
16
°C/W
RθJB
(5)
Junction-to-board thermal resistance
10
°C/W
RθJC
(6)
Junction-to-case thermal resistance
< 0.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com