Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 5 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 5 Page - ATMEL Corporation

  PC7447AMGH1000LB Datasheet HTML 1Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 2Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 3Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 4Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 5Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 6Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 7Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 8Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
5387B–HIREL–07/05
PC7447A [Preliminary]
Dedicated adder calculates effective addresses (EAs)
Supports store gathering
Performs alignment, normalization, and precision conversion for floating-point data
Executes cache control and TLB instructions
Performs alignment, zero padding, and sign extension for integer data
Supports hits under misses (multiple outstanding misses)
Supports both big- and little-endian modes, including misaligned little-endian
accesses
• Three issue queues, FIQ, VIQ, and GIQ, can accept as many as one, two, and three
instructions, respectively, in a cycle. Instruction dispatch requires the following:
– Instructions can only be dispatched from the three lowest IQ entries: IQ0, IQ1, and
IQ2
– A maximum of three instructions can be dispatched to the issue queues per clock
cycle
– Space must be available in the CQ for an instruction to dispatch (this includes
instructions that are assigned a space in the CQ but not in an issue queue)
• Rename buffers
– 16 GPR rename buffers
– 16 FPR rename buffers
– 16 VR rename buffers
• Dispatch unit
– Decode/dispatch stage fully decodes each instruction
• Completion unit
– The completion unit retires an instruction from the 16-entry completion queue (CQ)
when all instructions ahead of it have been completed, the instruction has finished
execution, and no exceptions are pending
– Guarantees sequential programming model (precise exception model)
– Monitors all dispatched instructions and retires them in order
– Tracks unresolved branches and flushes instructions after a mispredicted branch
– Retires as many as three instructions per clock cycle
• Separate on-chip L1 instruction and data caches (Harvard Architecture)
– 32-Kbyte, eight-way set-associative instruction and data caches
– Pseudo least-recently-used (PLRU) replacement algorithm
– 32-byte (eight-word) L1 cache block
– Physically indexed/physical tags
– Cache write-back or write-through operation programmable on a per-page or per-
block basis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com