Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 41 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 37Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 38Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 39Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 40Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 41Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 42Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 43Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 44Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41
5387B–HIREL–07/05
PC7447A [Preliminary]
Figure 13-3. JTAG Interface Connection
Notes:
1. RUN/STOP, normally found on pin 5 of the COP header, is not implemented on the PC7447A.
Connect pin 5 of the COP header to OV
DD with a 10 kΩ pull-up resistor.
2. Key location; pin 14 is not physically present on the COP header.
3. Component not populated. Populate only if debug tool does not drive QACK.
4. Populate only if debug tool uses an open-drain type output and does not actively de-assert
QACK.
5. If the JTAG interface is implemented, connect HRESET from the target source to TRST from
the COP header though an AND gate to TRST of the part. If the JTAG interface is not imple-
mented, connect HRESET from the target source to TRST of the part through a 0
Ω isolation
resistor.
6. The COP port and target board should be able to independently assert HRESET and TRST to
the processor in order to fully control the processor as shown above.
HRESET
HRESET(6)
HRESET
13
SRESET
SRESET
SRESET
11
VDD_SENSE
6
5(1)
15
2 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
OVDD
OVDD
OVDD
CHKSTP_IN
CHKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
14(2)
Key
QACK
OVDD
OVDD
OVDD
TRST(6)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
QACK
QACK
CHKSTP_OUT
CHKSTP_OUT
3
13
9
5
1
6
10
2
15
11
7
16
12
8
4
KEY
No Pin
COP Connector
Physical Pin Out
10 k
Ω(4)
OVDD
OVDD
1
2 k
Ω(3)
0
Ω(5)
12
NC
NC
From Target
Board Sources
(if any)
10 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com