Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 42 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 37Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 38Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 39Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 40Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 41Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 42Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 43Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 44Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
42
5387B–HIREL–07/05
PC7447A [Preliminary]
14. Package Mechanical Data
The following sections provide the package parameters and mechanical dimensions for the
HITCE package.
14.1 Package Parameters for the PC7447A, 360 HITCE
The package parameters are as provided in the following list. The package type is 25 × 25 mm,
360-lead high coefficient of the thermal expansion ceramic ball grid array (HITCE).
Package outline
25 mm × 25 mm
Interconnects
360 (19 × 19 ball array - 1)
Pitch
1.27 mm (50 mil)
Minimum module height
2.72 mm
Maximum module height
3.24 mm
Ball diameter
0.89 mm (35 mil)
15. Ordering Information
Note:
1. For availability of the different versions, contact your local Atmel sales office.
16. Definitions
16.1 Life Support Applications
These products are not designed for use in life support appliances, devices or systems where
malfunction of these products can reasonably be expected to result in personal injury. Atmel
customers using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify Atmel for any damages resulting from such improper use or sale.
PC
7447A
V
GH
1000
Lx
Prefix
Type
Revision Level(1)
Rev. B
Application modifier(1)
L: 1.3V ± 50 mV
N: 1.1V ± 50 mV
Max internal processor speed(1)
1000 MHz (N-Spec)
1167 MHz (N-Spec) TBC
1333 MHz (L-Spec)
1420 MHz (L-Spec) TBC
Temperature Range: Tj(1)
Prototype
(X)
V: -40˚C, 110˚C
M: -55˚C +125˚C
Package
GH: HITCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com