Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 38 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 34Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 35Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 36Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 37Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 38Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 39Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 40Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 41Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
38
5387B–HIREL–07/05
PC7447A [Preliminary]
Power and ground connections must be made to all external V
DD, OVDD, and GND pins in the
PC7447A.
For backward compatibility with the PC7447 to the PC7447A, the new power and ground signals
(formerly NC, see Table 8-1 on page 21) may be left unconnected. There is no performance
degradation associated with leaving these pins unconnected. However, future devices may
require these additional power and ground signals to be connected to achieve maximum perfor-
mance, and it is recommended that new designs include the additional connections to facilitate
future upgrades. See also section ”Pinout Listings” on page 21 for additional information.
13.5 Output Buffer DC Impedance
The PC7447A processor bus drivers are characterized over process, voltage, and temperature.
To measure Z
0, an external resistor is connected from the chip pad to OVDD or GND. The value
of each resistor is varied until the pad voltage is OV
DD/2. Figure 13-2 on page 38 shows the
driver impedance measurement.
The output impedance is the average of two components–the resistances of the pull-up and pull-
down devices. When data is held low, SW2 is closed (SW1 is open), and R
N is trimmed until the
voltage at the pad equals OV
DD/2. RN then becomes the resistance of the pull-down devices.
When data is held high, SW1 is closed (SW2 is open), and R
P is trimmed until the voltage at the
pad equals OV
DD/2. RP then becomes the resistance of the pull-up devices. RP and RN are
designed to be close to each other in value. Then, Z
0 = (RP + RN)/2.
Figure 13-2. Driver Impedance Measurement
Table 13-2 summarizes the signal impedance results. The impedance increases with junction
temperature and is relatively unaffected by bus voltage.
Table 13-2.
Impedance Characteristics with V
DD = 1.5V, OVDD = 1.8V ±5%, Tj = 5° - 85°C
Impedance
Processor bus
L3 Bus
Unit
Z0
Typical
33 – 42
34 – 42
Ω
Maximum
31 – 51
32 – 44
Ω
OVDD
OGND
SW2
SW1
RN
RP
Pad
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com