Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 25 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 21Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 22Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 23Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 24Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 25Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 26Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 27Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 28Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
5387B–HIREL–07/05
PC7447A [Preliminary]
9.2
Dynamic Characteristics
This section provides the AC electrical characteristics for the PC7447A. After fabrication, func-
tional parts are sorted by maximum processor core frequency as shown in Section ”Clock AC
Specifications” on page 25 and tested for conformance to the AC specifications for that fre-
quency. The processor core frequency is determined by the bus (SYSCLK) frequency and the
settings of the PLL_CFG[0:4] signals, and can be dynamically modified using dynamic fre-
quency switching (DFS). Parts are sold by maximum processor core frequency; See “Ordering
Information” on page 42. for information on ordering parts. DFS is described in Section
”Dynamic Frequency Switching (DFS)” on page 17.
9.2.1
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 9-1 on page 26 and rep-
resents the tested operating frequencies of the devices. The maximum system bus frequency,
f
SYSCLK, given in Table 9-2 on page 25 is considered a practical maximum in a typical single-pro-
cessor system. The actual maximum SYSCLK frequency for any application of the PC7447A will
be a function of the AC timings of the PC7447A, the AC timings for the system controller, bus
loading, printed-circuit board topology, trace lengths, and so forth, and may be less than the
value given in Table 9-2 on page 25.
Table 9-2.
Clock AC Timing Specifications (See Table 6-2 on page 10 for Recommended Operating Conditions)
Symbol
Characteristic
Maximum Processor Core Frequency
Unit
Notes
1000 MHz
1267 MHz
1333 MHz
1420 MHz
VDD = 1.3V
VDD = 1.3V
VDD = 1.3
VDD = 1.3
MinMax
Min
Max
MinMax
MinMax
f
CORE
Processor core
frequency
600
1000
600
1267
600
1333
600
1420
MHz
(1)(8)(9)
f
VCO
VCO frequency
1200
2000
1200
2533
1200
2667
1200
2840
MHz
(1)(9)
f
SYSCLK
SYSCLK frequency
33
167
33
167
33
167
33
167
MHz
(1)(2)(8)
tSYSCLK
SYSCLK cycle time
6.0
30
6
30
6
30
6
30
ns
(2)
tKR, tKF
SYSCLK rise and fall
time
–
1.0
–
1–1–1
ns
(3)
t
KHKL/tSYSCLK
SYSCLK duty cycle
measured at OV
DD/2
40
60
40
60
40
60
40
60
%
(4)
SYSCLK jitter(5)(6)
–
150
–
150
–
150
–
150
ps
(5)(6)
Internal PLL relock
time(7)
–
100
–
100
–
100
–
100
µs
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com