Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 24 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 20Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 21Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 22Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 23Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 24Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 25Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 26Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 27Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
24
5387B–HIREL–07/05
PC7447A [Preliminary]
This is because in the PC7447 it is possible to drive the latches associated with the former ‘No Connect’ pins in the PC7447,
potentially causing contention on those pins. To prevent this, ensure that these pins are not connected on the board or, if they
are connected, ensure that the states of internal PC7447 latches do not cause these pins to be driven during board testing.
9. Electrical Characteristics
9.1
Static Characteristics
Table 9-1 provides the DC electrical characteristics for the PC7447A
.
Notes:
1. Nominal voltages; see Table 6-2 on page 10 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while GVDD is the reference for the L3 bus signals.
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals.
4. The leakage is measured for nominal OVDD/GVDD and VDD, or both OVDD/GVDD and VDD must vary in the same direction (for
example, both OVDD and VDD vary by either +5% or -5%).
5. Capacitance is periodically sampled rather than 100% tested.
6. Excludes signals with internal pull ups: BVSEL, LSSD_MODE, TDI, TMS, and TRST. Characterization of leakage current for
these signals is currently being conducted.
Table 9-1.
DC Electrical Specifications (see Table 6-2 on page 10 for Recommended Operating Conditions)
Symbol
Characteristic
Nominal Bus
Voltage(1)
Min
Max
Unit
Notes
VIH
Input high voltage (all inputs)
1.8
OVDD × 0.65
OVDD + 0.3
V
(2)
2.5
1.7
OV
DD + 0.3
V
IL
Input low voltage (all inputs)
1.8
-0.3
OVDD × 0.35
V
(2)(6)
2.5
-0.3
0.7
IIN
Input leakage current,
VIN = GVDD/ODD
VIN = GND
––
30
-30
µA
(2)(3)
ITSI
High-impedance (off-state) leakage current,
VIN = GVDD/ODD
V
IN = GND
––
30
-30
µA
(2)(3)(4)
V
OH
Output high voltage at I
OH = -5 mA
1.8
OVDD - 0.45
–
V
2.5
1.8
–
V
OL
Output low voltage at I
OL = 5 mA
1.8
–
0.45
V
2.5
–
0.6
C
IN
Capacitance,
VIN = 0V
f = 1 MHz
All other inputs
–
8
pF
(5)
V
IH
Input high voltage (all inputs)
1.8
OV
DD × 0.65
OV
DD + 0.3
V
(2)
2.5
1.7
OVDD + 0.3
VIL
Input low voltage (all inputs)
1.8
-0.3
OV
DD × 0.35
V
(2)(6)
2.5
-0.3
0.7
I
IN
Input leakge current,
V
IN = GVDD/OVDD
V
IN = GND
––
30
-30
µA
(2)(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com