Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 30 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 26Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 27Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 28Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 29Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 30Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 31Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 32Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 33Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
30
5387B–HIREL–07/05
PC7447A [Preliminary]
9.2.3
IEEE 1149.1 AC Timing Specifications
Table 9-4 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 9-5
through Figure 9-8 on page 32.
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of the signal in ques-
tion. The output timings are measured at the pins. All output timings assume a purely resistive 50
Ω load (see Figure 9-4).
Time-of-flight delays must be added for trace lengths, vias and connectors in the system.
2. TRST is an asynchronous level sensitive signal. The time is for test purposes only.
3. Non-JTAG signal input timing with respect to TCK.
4. Non-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization
Figure 9-4 provides the AC test load for TDO and the boundary-scan outputs of the PC7457.
Figure 9-4.
Alternate AC Test Load for the JTAG Interface
Table 9-4.
JTAG AC Timing Specifications (Independent of SYSCLK)(1)at Recommended Operating Conditions
(see Table 6-2 on page 10)
Symbol
Parameter
Min
Max
Unit
fTCLK
TCK frequency of operation
0
33.3
MHz
tTCLK
TCK cycle time
30
–
ns
t
JHJL
TCK clock pulse width measured at 1.4V
15
–
ns
tJR and tJF
TCK rise and fall times
–
2
ns
tTRST
(2)
TRST assert time
25
–
ns
tDVJH
(3)
tIVJH
Input Setup Times:
Boundary-scan data
TMS, TDI
4
0
–
–
ns
tDXJH
(3)
t
IXJH
Input Hold Times:
Boundary-scan data
TMS, TDI
20
25
–
–
ns
t
JLDV
(4)
tJLOV
Valid Times:
Boundary-scan data
TDO
4
4
20
25
ns
t
JLDX
(4)
tJLOX
Output hold times:
Boundary-scan data
TDO
30
30
–
–
tJLDZ
(4)(5)
t
JLOZ
TCK to output high impedance:
Boundary-scan data
TDO
3
3
19
9
ns
Output
Z0 = 50Ω
RL = 50Ω
OVDD/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com