Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 16 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 12Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 13Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 14Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 15Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 16Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 17Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 18Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 19Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
16
5387B–HIREL–07/05
PC7447A [Preliminary]
Figure 6-5.
Recommended Thermal Model of PC7447A
6.4.4.2
Temperature Diode
The PC7447A has a temperature diode on the microprocessor that can be used in conjunction
with other system temperature monitoring devices. These devices use the negative temperature
coefficient of a diode operated at a constant current to determine the temperature of the micro-
processor and its environment. For proper operation, the monitoring device used should auto-
calibrate the device by canceling out the V
BE variation of each PC7447A’s internal diode.
The following are the specifications of the PC7447A on-board temperature diode:
V
f > 0.40V
V
f < 0.90V
Operating range 2 - 300 µA
Diode leakage < 10 nA at 125
°C
Ideality factor over 5 µA – 150 µA at 60
°C: 1 <= n <= TBD
Ideality factor is defined as the deviation from the ideal diode equation:
Another useful equation is:
Bump and Underfill
Die
Substrate
Solder and Air
Die
Substrate
Side View of Model (Not to Scale)
Side View of Model (Not to Scale)
x
y
z
Conductivity
Value
Unit
Bump and Underfill (7.3 x 9.3 x 0.070 mm)
W/(m x K)
Substrate (25 x 25 x 1.2 mm)
Solder Ball and Air (25 x 25 x 0.6 mm)
kx
0.6
ky
0.6
kz
1.9
kx
8.1
ky
8.1
kz
4.0
kx
ky
kz
0.034
0.034
3.8
IfW
Is e
qVf
nKT
-----------
1
–
=
VH VL
–
n
KT
q
-------
In
IH
IL
-----
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com