Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 19 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 15Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 16Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 17Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 18Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 19Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 20Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 21Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 22Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
5387B–HIREL–07/05
PC7447A [Preliminary]
6.4.4.6
Minimum Core Frequency Requirements with DFS
In many systems, enabling DFS can result in very low processor core frequencies. However,
care must be taken to ensure that the resulting processor core frequency is within the limits
specified in Table 9-2 on page 25. Proper operation of the device is not guaranteed at core fre-
quencies below the specified minimum f
core.
6.4.5
Power Consumption
Table 7 provides the power consumption for the PC7447A. For information regarding power
consumption when dynamic frequency switching is enabled, See “Dynamic Frequency Switch-
ing (DFS)” on page 17..
Notes:
1.
These values apply for all valid processor buses. The values do not include I/O supply power (OVDD) or PLL supply power
(AVDD). OVDD power is system dependent but is typically < 5% of V
DD power. Worst case power consumption for AVDD <
3mW.
2.
Typical power is an average value measured at the nominal recommended V
DD (see Table 6-2 on page 10) and 65°C while
running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz
3. Maximum power is the average measured at nominal V
DD and maximum operating junction temperature (see Table 6-2 on
page 10) while running an entirely cache-resident, contrived sequence of instructions which keep all the execution units
maximally busy.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a
result, power consumption for this mode is not tested.
5. Power consumption for these devices is artificially constrained during screening to assure lower power consumption than
other speed grades.
Table 6-6.
Power Consumption for PC7447A
Processor (CPU) Frequency
1000
1167
1267
1333(5)
1420
Unit
Full-Power Mode
Core Power Supply
1.1
1.1
1.3
1.3
1.3
Typical(1)(2)
8
9.2
18.3
18
21
W
Maximum(1)(3)
26
25
30
W
Nap Mode
11.5
13
Typical(1)(2)
1.3
1.3
4.1
3.3
4.1
W
Sleep Mode
Typical(1)(2)
1.3
1.3
4.1
3.3
4.1
W
Deep Sleep Mode (PLL Disabled)
Typical(1)(2)
1.2
1.2
4
3.2
4
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com