Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 17 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 13Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 14Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 15Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 16Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 17Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 18Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 19Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 20Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
5387B–HIREL–07/05
PC7447A [Preliminary]
Where:
I
fw = Forward current
I
s = Saturation current
V
d = Voltage at diode
V
f = Voltage forward biased
V
H = Diode voltage while IH is flowing
V
L = Diode voltage while IL is flowing
I
H = Larger diode bias current
I
L = Smaller diode bias current
q = Charge of electron (1.6 × 10
-19 C)
n = Ideality factor (normally 1.0)
K = Boltzman’s constant (1.38 × 10-23 Joules/K)
T = Temperature (Kelvins)
The ratio of I
H to IL is usually selected to be 10:1. The above simplifies to the following:
V
H - VL = 1.986 × 10
-4 × nT
Solving for T, the equation becomes:
6.4.4.3
Dynamic Frequency Switching (DFS)
The new DFS feature in the PC7447A adds the ability to divide the processor-to-system bus
ratio by two during normal functional operation by setting the HID1[DFS1] bit. The frequency
change occurs in 1 clock cycle, and no idle waiting period is required to switch between modes.
Additional information regarding DFS can be found in the MPC7450 RISC Microprocessor Fam-
ily User’s Manual.
6.4.4.4
Power Consumption with DFS Enabled
Power consumption with DFS enabled can be approximated using the following formula:
Where:
P
DFS = Power consumption with DFS enabled
f
DFS = Core frequency with DFS enabled
f = Core frequency prior to enabling DFS
P = Power consumption prior to enabling DFS (see Table 6-6 on page 19)
P
DS = Deep sleep mode power consumption (see Table 6-6 on page 19)
The above is an approximation only. Power consumption with DFS enabled is not tested or
guaranteed.
nT
VH V
– L
1 986
10
4
–
×
,
---------------------------------
=
PDFS
fDFS
f
-----------
PPDS
–
()
PDS
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com