Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 26 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 22Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 23Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 24Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 25Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 26Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 27Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 28Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 29Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
5387B–HIREL–07/05
PC7447A [Preliminary]
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0:4] settings must be chosen such that the resulting SYSCLK (bus) fre-
quency, processor core frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to the PLL_CFG[0:4] signal description in Section ”PLL Configuration” on page 34 for valid
PLL_CFG[0:4] settings.
2. Assumes a lightly-loaded, single-processor system.
3. Rise and fall times for the SYSCLK input measured from 0.4V to 1.4V.
4. Timing is guaranteed by design and characterization.
5. Guaranteed by design.
6. The SYSCLK driver’s closed loop jitter bandwidth should be less than 1.5 MHz at -3 dB.
7. Relock timing is guaranteed by design and characterization. PLL relock time is the maximum amount of time required for
PLL lock after a stable V
DD and SYSCLK are reached during the power-on reset sequence. This specification also applies
when the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held
asserted for a minimum of 255 bus clocks after the PLL relock time during the power-on reset sequence.
8. Caution: If DFS is enabled, the SYSCLK frequency and PLL_CFG[0:4] settings must be chosen such that the resulting pro-
cessor frequency is greater than or equal to the minimum core frequency.
9. Caution: These values specify the maximum processor core and VCO frequencies when the device is operated at the nomi-
nal core voltage. If operating the device at the derated core voltage, the processor core and VCO frequencies must be
reduced.
Figure 9-1 provides the SYSCLK input timing diagram.
Figure 9-1.
SYSCLK Input Timing Diagram
V
M = Midpoint Voltage (OVDD/2)
9.2.2
Processor Bus AC Specifications
Table 9-3 provides the processor bus AC timing specifications for the PC7447A as defined in
Figure 7-2 on page 20 and Figure 9-2 on page 28..
Symbol
Characteristic
Maximum Processor Core Frequency
Unit
Notes
1000 MHz
1167 MHz
VDD = 1.1V
VDD = 1.1V
Min
Max
Min
Max
f
CORE
Processor core frequency
500
1000
500
1167
MHz
(1)(8)(9)
fVCO
VCO frequency
1000
2000
1000
2233
MHz
(1)(9)
fSYSCLK
SYSCLK frequency
33
167
33
167
MHz
(1)(2)(8)
t
SYSCLK
SYSCLK cycle time
6
30
6
30
ns
(2)
tKR, tKF
SYSCLK rise and fall time
–
1
–
1
ns
(3)
tKHKL/tSYSCLK
SYSCLK duty cycle measured at OVDD/2
40
60
40
60
%
(4)
SYSCLK jitter(5)(6)
–150–150
ps
(5)(6)
Internal PLL relock time(7)
–100–100
µs
(7)
SYSCLK
VM
VM
VM
tKHKL
tSYSCLK
CVIL
CVIH
tKR
tKF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com