Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC7447AMGH1000LB Datasheet(PDF) 15 Page - ATMEL Corporation

Part # PC7447AMGH1000LB
Description  PowerPC RISC microprocessor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AMGH1000LB Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button PC7447AMGH1000LB Datasheet HTML 11Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 12Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 13Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 14Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 15Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 16Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 17Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 18Page - ATMEL Corporation PC7447AMGH1000LB Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
5387B–HIREL–07/05
PC7447A [Preliminary]
During operation, the die-junction temperatures (T
j) should be maintained less than the value
specified in Table 6-2 on page 10. The temperature of air cooling the component greatly
depends on the ambient inlet air temperature and the air temperature rise within the electronic
cabinet. An electronic cabinet inlet-air temperature (T
i) may range from 30° to 40°C. The air tem-
perature rise within a cabinet (T
r) may be in the range of 5° to 10°C. The thermal resistance of
the thermal interface material (Rθint) is typically about 1.5°C/W. For example, assuming a Ti of
30
°C, a T
r of 5°C, an HITCE package R
θJC = 0.1, and a typical power consumption (Pd) of
18.7W, the following expression for T
j is obtained:
Die-junction temperature: T
j = 30°C + 5°C + (0.1°C/W + 1.5°C/W + θsa) × 18.7W
For this example, a Rθsa value of 2.1°C/W or less is required to maintain the die junction temper-
ature below the maximum value of Table 6-2 on page 10.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a com-
mon figure-of-merit used for comparing the thermal performance of various microelectronic
packaging technologies, one should exercise caution when only using this metric in determining
thermal management because no single parameter can adequately describe three-dimensional
heat flow. The final die-junction operating temperature is not only a function of the component-
level thermal resistance, but the system-level design and its operating conditions. In addition to
the component's power consumption, a number of factors affect the final operating die-junction
temperature – airflow, board population (local heat flux of adjacent components), heat sink effi-
ciency, heat sink attach, heat sink placement, next-level interconnect technology, system air
temperature rise, altitude, and so on.
Due to the complexity and variety of system-level boundary conditions for today's microelec-
tronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection,
and conduction) may vary widely. For these reasons, we recommend using conjugate heat
transfer models for the board, as well as system-level designs.
For system thermal modeling, the PC7447A thermal model is shown in Figure 6-5 on page 16.
Four volumes represent this device. Two of the volumes, solder ball-air and substrate, are mod-
eled using the package outline size of the package. The other two, die, and bump-underfill, have
the same size as the die. The silicon die should be modeled 9.5 × 9.5 × 0.7 mm with the heat
source applied as a uniform source at the bottom of the volume. The bump and underfill layer is
modeled as 7.3 × 9.3 × 0.7 mm (or as a collapsed volume) with orthotropic material properties:
0.6 W/(m × K) in the xy-plane and 1.9 W/(m × K) in the direction of the z-axis. The substrate vol-
ume is 25 × 25 × 1.2 mm, and has 8.1 W/(m × K) isotropic conductivity in the xy-plane and 4
W/(m × K) in the direction of the z-axis. The solder ball and air layer are modeled with the same
horizontal dimensions as the substrate and are 0.6 mm thick. They can also be modeled as a
collapsed volume using orthotropic material properties: 0.034 W/(m × K) in the xy-plane direction
and 3.8 W/(m × K) in the direction of the z-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com