Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT3624LE Datasheet HTML 1Page - Richtek Technology Corporation RT3624LE Datasheet HTML 2Page - Richtek Technology Corporation RT3624LE Datasheet HTML 3Page - Richtek Technology Corporation RT3624LE Datasheet HTML 4Page - Richtek Technology Corporation RT3624LE Datasheet HTML 5Page - Richtek Technology Corporation RT3624LE Datasheet HTML 6Page - Richtek Technology Corporation RT3624LE Datasheet HTML 7Page - Richtek Technology Corporation RT3624LE Datasheet HTML 8Page - Richtek Technology Corporation RT3624LE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
3
Functional Pin Description
Pin No.
Pin Name
Pin Function
8, 5, 1, 4
ISEN[1:4]P
Positive inputs to current-sense amplifier for Phase 1 to 4 of VR GTUS rail.
7, 6, 2, 3
ISEN[1:4]N
Negative inputs to current-sense amplifier for Phase 1 to 4 of VR GTUS
rail.
9
FB
Negative input of the error amplifier. This pin is for GTUS rail VR output
voltage feedback to controller.
10
COMP
GTUS rail VR compensation. This pin is an error amplifier output pin.
11
VSEN
GTUS rail VR voltage sense input. This pin is connected to the terminal of
GTUS rail VR output voltage.
12
RGND
Return ground for GTUS rail VR. This pin is the negative node of the
differential remote voltage sensing.
13
VREF_SPS
Fixed 1.3V output reference voltage. This voltage is used to offset the
smart power stage. Between this pin and GND must be placed an exact
0.22
µF decoupling capacitor.
14
VR_READY
VR ready indicator.
15
VCLK
Synchronous clock from the CPU.
16
VDIO
VR and CPU data transmission interface.
17
ALERT
SVID alert. (Active low)
18
VR_HOT
Thermal monitor output. (Active low)
19
IMON
GTUS rail VR current monitor output. This pin outputs a current
proportional to the output current.
20
VREF
Fixed 0.6V output reference voltage. This voltage is used to offset the
output voltage of all IMON pins. While controller shuts down or sets all rails
in PS4, voltage source shuts down. An exact 0.47
µF decoupling capacitor
and a 3.9
Ω resistor must be placed between this pin and GND.
21
IMONA
VCCSA rail VR current monitor output. This pin outputs a current
proportional to the output current.
22
TSEN
Thermal sense input for GTUS rail VR and function setting for current gain
(Ai) and adaptive quick response trigger level for GTUS rail VR.
23
TSENA
Thermal sense input for VCCSA rail VR and function setting for current
gain (Ai) and adaptive quick response trigger level for VCCSA rail VR.
24
SET1
Function setting for ICCMAX, VBOOT of GTUS rail and ICCMAX of
VCCSA rail. For soldering check, connect the SET1 pin to 5V and pull the
VRON high. If the soldering is good, both rail outputs are non-zero VBOOT.
25
SET2
Function setting for VBOOT of VCCSA rail, on-time width setting (switching
frequency) of GTUS rail, selectable VID table, zero load-line and ICCMAX
of AUX rail.
26
SET3
Function setting for undershoot suppression, DVID fast slew rate, DVID
voltage compensation and
VR_HOT assertion during DVID current limit.
27
SET4
Function setting for phase number with RT9637 of GTUS rail, on-time
width setting (switching frequency) of VCCSA rail and anti-overshoot
trigger level.
28
IMON_AUX
AUX rail VR current monitor output. This pin outputs a current proportional
to the output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com