Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 17Page - Richtek Technology Corporation RT3624LE Datasheet HTML 18Page - Richtek Technology Corporation RT3624LE Datasheet HTML 19Page - Richtek Technology Corporation RT3624LE Datasheet HTML 20Page - Richtek Technology Corporation RT3624LE Datasheet HTML 21Page - Richtek Technology Corporation RT3624LE Datasheet HTML 22Page - Richtek Technology Corporation RT3624LE Datasheet HTML 23Page - Richtek Technology Corporation RT3624LE Datasheet HTML 24Page - Richtek Technology Corporation RT3624LE Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
21
Table 2. SET1 Pin Setting for VBOOT and ICCMAX
Vdivider_SET1 (mV)
VBOOT
ICCMAX(A)
8 phase
6 phase
5 Phase
4 Phase
3 Phase
2 Phase
1 Phase
25
0V
232
170
134
85
60
35
10
75
238
176
140
90
64
38
12
125
244
182
146
95
68
41
14
175
250
188
152
100
72
44
16
225
256
194
158
105
76
47
18
275
262
200
164
110
80
50
20
325
268
206
170
115
84
53
22
375
274
212
176
120
88
56
24
425
280
218
182
125
92
59
26
475
286
224
188
130
96
62
28
525
292
230
194
135
100
65
30
575
298
236
200
140
104
68
32
625
304
242
206
145
108
71
34
675
310
248
212
150
112
74
36
725
316
254
218
155
116
77
38
775
322
260
224
160
120
80
40
825
non-zero
232
170
134
85
60
35
10
875
238
176
140
90
64
38
12
925
244
182
146
95
68
41
14
975
250
188
152
100
72
44
16
1025
256
194
158
105
76
47
18
1075
262
200
164
110
80
50
20
1125
268
206
170
115
84
53
22
1175
274
212
176
120
88
56
24
1225
280
218
182
125
92
59
26
1275
286
224
188
130
96
62
28
1325
292
230
194
135
100
65
30
1375
298
236
200
140
104
68
32
1425
304
242
206
145
108
71
34
1475
310
248
212
150
112
74
36
1525
316
254
218
155
116
77
38
1575
322
260
224
160
120
80
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com