Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
40
Adaptive Quick Response (AQR)
The RT3624LE adopts Adaptive Quick Response
(AQR) to optimize transient response. The mechanism
is illustrated in Figure 19. Controller detects output
voltage drop slew rate. While the slew rate exceeds the
AQR threshold, all PWMs turn on for 53.3% of TON.
The RT3624LE provides
various
AQR
threshold
through PIN-SETTING of AQR_TH. The following
equation can initially decide the AQR starting trigger
threshold. Note that the threshold should be larger than
steady-state output voltage ripple falling slew rate and
also the overshoot falling slew rate to avoid miss trigger
AQR.
dVSEN
AQR Starting Trigger Threshold =
4
dt
µ
−×
Output voltage
VBIAS
VBIAS
AQR Threshold
Vdiff
PWM_AQR
Figure 19. Adaptive Quick Response Mechanism
Table 14. PIN-SETTING of AQR_TH
AQR_TH[2:0]
AQR Starting Trigger Threshold
(mV)
000
720
001
880
010
1040
011
1200
100
1360
101
1520
110
1680
111
Disable
Anti-overshoot (ANTI-OVS)
The RT3624LE provides anti-overshoot function to
suppress output voltage overshoot. Controller detects
overshoot by signals related to output voltage. The
overshoot
trigger
level
can
be
adjusted
by
PIN-SETTING as listed in Table 15. The main detecting
signal
comes
from
COMP.
However,
COMP
characteristic varies with compensation. Initial trigger
level setting is based on the following equation :
∆COMP×
4
3
=∆VSEN×
REA2
REA1
×
4
3
>
Anti-overshoot Threshold of ANTIOVS_TH[1:0]
The final setting should be determined according to
actual
Error
AMP
compensator
design
and
measurement.
While overshoot exceeds the set trigger level, all
PWMs keep in tri-state until the zero current is detected
or VSEN returns to normal level. Turning off LGs forces
positive current flow through body diode to cause diode
forward voltage drop. The extra forward voltage can
speed up inductor current discharge and decrease
overshoot.
Table 15. PIN-SETTING of Anti-Overshoot
Threshold
ANTIOVS_TH[1:0]
Anti-overshoot
Threshold (mV)
00
90
01
150
10
210
11
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com