Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 32Page - Richtek Technology Corporation RT3624LE Datasheet HTML 33Page - Richtek Technology Corporation RT3624LE Datasheet HTML 34Page - Richtek Technology Corporation RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
36
Load-line Setting (RLL)
An
output
voltage
load-line
(Adaptive
Voltage
Positioning) is specified in CPU VR for power saving
and output capacitance reduction. The characteristic of
load-line is that the output voltage decreases by an
amount proportional to the increasing loading current.
The slope between output voltage and loading current
(RLL) is shown in Figure 13. Figure 14 shows the
voltage and current loop circuits of the RT3624LE for
the load-line control. The detailed equation is described
as below
RLL=
Current Loop Gain
Voltage Loop Gain
=
DCR
680
Ω
×RIMON,EQ×
Ai
REA2
REA1
×
3
2
Ai is current gain.
REA2
REA1
is ERROR AMP gain and
suggested to be greater than 2 for better transient
response. RLL can be programmed by Ai and
REA2
REA1
. Ai
can be selected by PIN-SETTING of Ai[1:0] as listed in
Table 12.
VGTUS
VID
RLL x ICCMAX
Load-line=-RLL
ICCMAX
Loading
Current
Figure 13. Load-line (Droop)
+
-
REA1
VID
Cx
Rx
Lx
DCR
IL1~IL4
ISENxN
ISENxP
(sum of ICS,PERx)
-
+
-
Voltage Loop
RIMON,EQ
IMON
RNTC
VREF
+
-
Gm
TON
GEN/
Driver
Interface
PWM
CMP
Current Loop
ERROR
AMP
REA2
Ai
VGTUS
Figure 14. Voltage Loop and Current Loop for Loadline
Table 12. PIN-SETTING of Ai
Ai[1:0]
Current Gain Setting
00
0.25
01
0.50
10
0.75
11
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com