Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT3624LE Datasheet HTML 1Page - Richtek Technology Corporation RT3624LE Datasheet HTML 2Page - Richtek Technology Corporation RT3624LE Datasheet HTML 3Page - Richtek Technology Corporation RT3624LE Datasheet HTML 4Page - Richtek Technology Corporation RT3624LE Datasheet HTML 5Page - Richtek Technology Corporation RT3624LE Datasheet HTML 6Page - Richtek Technology Corporation RT3624LE Datasheet HTML 7Page - Richtek Technology Corporation RT3624LE Datasheet HTML 8Page - Richtek Technology Corporation RT3624LE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
1
Dual Channel PWM Controller for IMVP9.1 CPU Core Power
Supply
General Description
The RT3624LE is a synchronous buck controller which
supports 2 output rails and can fully meet Intel IMVP9.1
requirements.
The
RT3624LE
adopts
G-NAVPTM
(Green Native AVP) which is Richtek’s proprietary
topology derived from finite DC gain of EA amplifier
with current mode control, making it easy to set the
droop to meet all Intel CPU requirements of AVP
(Adaptive
Voltage
Positioning).
Based
on
the
G-NAVPTM topology, the RT3624LE features a new
generation of quick response mechanism (Adaptive
Quick Response, AQR) to optimize AVP performance
during load transient and reduce output capacitors. The
RT3624LE integrates a high accuracy ADC for platform
and function settings, such as ICCMAX, switching
frequency or AQR trigger level. The RT3624LE
provides VR Ready and thermal indicators. It also
features complete fault protection functions including
over-voltage (OV), under-voltage (UV), over-current
(OC) and under-voltage lockout (UVLO).
Applications
IMVP9.1 Intel GTUS/VCCSA Supply
Desktop and Notebook Computer
AVP Step-Down Converter
Features
Intel IMVP9.1 Compliant
4/3/2/1 Phase (GTUS VR) + 2/1 Phase (VCCSA VR)
PWM Controller
G-NAVPTM (Green Native Adaptive Voltage
Positioning) Topology
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming and
Reporting
Accurate Current Balance
Diode Emulation Mode at Light Load Condition
Fast
Transient
Response
:
Adaptive
Quick
Response (AQR)
VR Ready Indicator
OVP, OCP, UVP with Flag
Switching Frequency Setting
DVID Enhancement
Acoustic Noise Suppression
Zero Load-line
Rail Disable
Support Phase Doubler RT9637 for GTUS Rail
Up to 6-Phase Operation (optional)
Support SPS Application (optional)
Soldering Good Detection
RT3624LE : Support Address 03 and 02
Small 52-Lead WQFN Package
Simplified Application Circuit
VGTUS
PWM3
PWM2
PWM1
RT3624LE
PWM4
RT9610C
RT9610C
RT9610C
RT9610C
VR_READY
VR_HOT
VCLK
VDIO
ALERT
To CPU
To PCH
MOSFET
MOSFET
MOSFET
MOSFET
DRVEN
To Driver
PWMA2
PWMA1
RT9610C
RT9610C
MOSFET
MOSFET
VCCSA
To Dr.MOS
RT3624LE
VR_READY
VR_HOT
VCLK
VDIO
ALERT
To PCH
DRVEN_F
VGTUS
Dr.MOS
Dr.MOS
Dr.MOS
Dr.MOS
Dr.MOS
Dr.MOS
VCCSA
PWM3
PWM2
PWM1
PWM4
PWMA2
PWMA1
To CPU


Similar Part No. - RT3624LE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3624BE RICHTEK-RT3624BE Datasheet
697Kb / 44P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
February 2021
RT3624BEGQW RICHTEK-RT3624BEGQW Datasheet
697Kb / 44P
Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
February 2021
More results

Similar Description - RT3624LE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167A RICHTEK-RT8167A Datasheet
659Kb / 40P
Dual Single-Phase PWM Controller for CPU Core/GFX Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com