Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation RT3624LE Datasheet HTML 45Page - Richtek Technology Corporation RT3624LE Datasheet HTML 46Page - Richtek Technology Corporation RT3624LE Datasheet HTML 47Page - Richtek Technology Corporation RT3624LE Datasheet HTML 48Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
46
Table 18. Summary of UVP and OCP Protection
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding
airflow, and the difference between the junction and
ambient
temperatures.
The
maximum
power
dissipation can be calculated using the following
formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and
θJA is the
junction-to-ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating Conditions is 125
°C. The junction-to-
ambient thermal resistance,
θJA, is highly package
dependent. For a WQFN-52L 6x6 package, the thermal
resistance,
θJA, is 26.5°C/W on a standard JEDEC
51-7 high effective-thermal-conductivity four-layer test
board. The maximum power dissipation at TA = 25
°C
can be calculated as below :
PD(MAX) = (125
°C − 25°C) / (26.5°C/W) = 3.77W for a
WQFN-52L 6x6 package.
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX)
and the thermal resistance,
θJA. The derating curves in
Figure 26 allows the designer to see the effect of rising
ambient
temperature
on
the
maximum
power
dissipation.
Figure 26. Derating Curve of Maximum Power
Dissipation
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Protection
Type
Protection Threshold
Protection
Flag
Protection
Action
DVID
mask
time
Protection
Reset
Sum OCP
for PS0
ISUM_OC,PS0=KSOCP×VIMON
ICCMAX×
RCS
DCR
×
1
RIMON,EQ
VREF=2V
PWM
tri-state,
VR_READY
latched low
DVID+
80us
VCC/
VRON
Toggle
Sum OCP
for
non
PS0
ISUM_OC,PS1,2,3=KSOCP1×VIMONICCMAX×
RCS
DCR
×
1
RIMON,EQ
VREF=2V
UVP
VID-650mV
VREF=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com