Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 31Page - Richtek Technology Corporation RT3624LE Datasheet HTML 32Page - Richtek Technology Corporation RT3624LE Datasheet HTML 33Page - Richtek Technology Corporation RT3624LE Datasheet HTML 34Page - Richtek Technology Corporation RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
35
VIMON-VVREF=(IL1+IL2+…)×
DCR
680
Ω
×RIMON,EQ
VIMON - VVREF is proportional to output current. VIMON -
VVREF is used for output current reporting and load-line
loop-control and sum over-current protection. For the
reporting, VIMON - VVREF is averaged by analog
low-pass filter and then coded by 8-bit ADC. The
digitized reporting value is scaled such that FFh =
ICCMAX
. The RIMON, EQ should be designed so that
VIMON - VVREF = VICCMAX while (IL1+IL2+…) =
ICCMAXGTUS = GTUS ICC_MAX register value, where
VICCMAX setting for each rail is shown below :
For GTUS rail,
VICCMAX=0.8V, when ICCMAX>80A
VICCMAX=0.4V, when 80A≥ICCMAX≥40A
VICCMAX=0.2V, when 40A>ICCMAX
For VCCSA rail,
VICCMAX=0.4V, when ICCMAX≥40A
VICCMAX=0.2V, when 40A>ICCMAX
For AUX,
VICCMAX=1.6V for all ICCMAX setting
For load-line loop control, VIMON
− VVREF is scaled by
Ai, that can be selected by Ai[1:0] of PIN-SETTING.
The detailed application is described in the load-line
setting section.
VGTUS
ISEN1P
ISEN1N
L
DCR
R
C
+
-
RCS1=680ohm
IL1
ISEN2P
ISEN2N
L
DCR
R
C
+
-
IL2
ISEN3P
ISEN3N
L
DCR
R
C
+
-
IL3
ISEN4P
ISEN4N
L
DCR
R
C
+
-
IL4
IMON
+
-
0.6V
VREF
ICS,PER1
ICS,PER2
ICS,PER3
ICS,PER4
RNTC
RIMON,EQ
IIMON4
IIMON3
IIMON2
IIMON1
Gm
Gm
Gm
Gm
RCS2=680ohm
RCS3=680ohm
RCS4=680ohm
VIMON
VVREF
Figure 12. Total Current Sense Method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com