Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3624LE Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 16Page - Richtek Technology Corporation RT3624LE Datasheet HTML 17Page - Richtek Technology Corporation RT3624LE Datasheet HTML 18Page - Richtek Technology Corporation RT3624LE Datasheet HTML 19Page - Richtek Technology Corporation RT3624LE Datasheet HTML 20Page - Richtek Technology Corporation RT3624LE Datasheet HTML 21Page - Richtek Technology Corporation RT3624LE Datasheet HTML 22Page - Richtek Technology Corporation RT3624LE Datasheet HTML 23Page - Richtek Technology Corporation RT3624LE Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
20
Function Setting
Symbol
Description
SET4
Divider Register[4:3] GTUS VR Phase Extension
DBLR[4:3]
DBLR[4:3] = 00: Enable, Phase=8
DBLR[4:3] = 01: Disable, Phase=1~4
DBLR[4:3] = 10: Enable, Phase=5
DBLR[4:3] = 11: Enable, Phase=6
Divider Register[2:0]
VCCSA VR TON width setting
(switching frequency)
kTON_A[2:0]
According to required frequency,
select adaptive kTON_A parameter.
IXR Register[4:3]
GTUS VR Anti-overshoot
trigger level
ANTIOVS_TH[4:3]
ANTIOVS for reduction of overshoot
at loading falling edge. Set trigger
level.
IXR Register[2:1]
VCCSA VR Anti-overshoot
trigger level
ANTIOVS_TH_A[2:1]
ANTIOVS for reduction of overshoot
at loading falling edge. Set trigger
level.
TSEN
Divider Register[4:3] GTUS VR Current Gain
Ai[4:3]
Current gain setting
Divider Register[2:1]
GTUS VR Adaptive Quick
Response(AQR) trigger level
AQR_TH[2:1]
AQR for loop response speed-up of
loading rising edge. Set trigger level.
TSENA
Divider Register[4:3] VCCSA VR Current Gain
Ai_A[4:3]
Current gain setting
Divider Register[2:1]
VCCSA VR Adaptive Quick
Response(AQR) trigger level
AQR_TH_A[2:1]
AQR for loop response speed-up of
loading rising edge. Set trigger level.
Referring to PIN-SETTING tables, Table 2 to 11, users
can search corresponding Vdivider or VIXR according to
the desired function setting combinations. Then SETx
external resistors can be calculated as follows:
IXR
divider
divider
divider
3.2V V
R1
80 A V
R1 V
R2
3.2V V
µ
×
=
×
×
=
−
Richtek provides a Microsoft Excel-based design tool to
calculate the desired PIN-SETTING resisters.
TSEN and TSENA pins also have function settings
except for thermal monitoring function. They only utilize
divider
part
of
PIN-SETTING
mechanism.
The
functions of TSEN and TSENA include current gain and
quick response trigger level settings. The detailed
operation is described in Thermal Monitoring and
Indicator section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com